Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72F321AR7T6 Datasheet(PDF) 154 Page - STMicroelectronics

Part # ST72F321AR7T6
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C INTERFACE
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F321AR7T6 Datasheet(HTML) 154 Page - STMicroelectronics

Back Button ST72F321AR7T6 Datasheet HTML 150Page - STMicroelectronics ST72F321AR7T6 Datasheet HTML 151Page - STMicroelectronics ST72F321AR7T6 Datasheet HTML 152Page - STMicroelectronics ST72F321AR7T6 Datasheet HTML 153Page - STMicroelectronics ST72F321AR7T6 Datasheet HTML 154Page - STMicroelectronics ST72F321AR7T6 Datasheet HTML 155Page - STMicroelectronics ST72F321AR7T6 Datasheet HTML 156Page - STMicroelectronics ST72F321AR7T6 Datasheet HTML 157Page - STMicroelectronics ST72F321AR7T6 Datasheet HTML 158Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 185 page
background image
ST72321
154/185
EMC CHARACTERISTICS (Cont’d)
12.7.3.2 Static and Dynamic Latch-Up
s
LU: 3 complementary static tests are required
on 10 parts to assess the latch-up performance.
A supply overvoltage (applied to each power
supply pin) and a current injection (applied to
each input, output and configurable I/O pin) are
performed on each sample. This test conforms
to the EIA/JESD 78 IC latch-up standard. For
more
details,
refer
to
the
AN1181
ST7
application note.
s
DLU: Electro-Static Discharges (one positive
then one negative test) are applied to each pin
of 3 samples when the micro is running to
assess the latch-up performance in dynamic
mode. Power supplies are set to the typical
values, the oscillator is connected as near as
possible to the pins of the micro and the
component is put in reset mode. This test
conforms to the IEC1000-4-2 and SAEJ1752/3
standards and is described in Figure 80. For
more
details,
refer
to
the
AN1181
ST7
application note.
12.7.3.3 Designing hardened software to avoid
noise problems
EMC characterization and optimization are per-
formed at component level with a typical applica-
tion environment and simplified MCU software. It
should be noted that good EMC performance is
highly dependent on the user application and the
software in particular.
Therefore it is recommended that the user applies
EMC software optimization and prequalification
tests in relation with the EMC level requested for
his application.
Software recommendations:
The software flowchart must include the manage-
ment of runaway conditions such as:
– Corrupted program counter
– Unexpected reset
– Critical Data corruption (control registers...)
Prequalification trials:
Most of the common failures (unexpected reset
and program counter corruption) can be repro-
duced by manually forcing a low state on the RE-
SET pin or the Oscillator pins for 1 second.
To complete these trials, ESD stress can be ap-
plied directly on the device, over the range of
specification values. When unexpected behaviour
is detected, the software can be hardened to pre-
vent unrecoverable errors occurring (see applica-
tion note AN1015).
Electrical Sensitivities
Figure 80. Simplified Diagram of the ESD Generator for DLU
Notes:
1. Class description: A Class is an STMicroelectronics internal specification. All its limits are higher than the JEDEC spec-
ifications, that means when a device belongs to Class A it exceeds the JEDEC standard. B Class strictly covers all the
JEDEC criteria (international standard).
2. Schaffner NSG435 with a pointed test finger.
Symbol
Parameter
Conditions
Class 1)
LU
Static latch-up class
TA=+25°C
TA=+85°C
TA=+125°C
A
A
A
DLU
Dynamic latch-up class
VDD=5.5V, fOSC=4MHz, TA=+25°C
A
RCH=50MΩ
RD=330Ω
CS=150pF
ESD
HV RELAY
DISCHARGE TIP
DISCHARGE
RETURN CONNECTION
GENERATOR 2)
ST7
VDD
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com