Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72F521R6TC Datasheet(PDF) 165 Page - STMicroelectronics

Part # ST72F521R6TC
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
PDF  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F521R6TC Datasheet(HTML) 165 Page - STMicroelectronics

Back Button ST72F521R6TC Datasheet HTML 161Page - STMicroelectronics ST72F521R6TC Datasheet HTML 162Page - STMicroelectronics ST72F521R6TC Datasheet HTML 163Page - STMicroelectronics ST72F521R6TC Datasheet HTML 164Page - STMicroelectronics ST72F521R6TC Datasheet HTML 165Page - STMicroelectronics ST72F521R6TC Datasheet HTML 166Page - STMicroelectronics ST72F521R6TC Datasheet HTML 167Page - STMicroelectronics ST72F521R6TC Datasheet HTML 168Page - STMicroelectronics ST72F521R6TC Datasheet HTML 169Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 211 page
background image
ST72521
165/211
OPERATING CONDITIONS (Cont’d)
12.3.2 Operating Conditions with Low Voltage Detector (LVD)
Subject to general operating conditions for VDD, fCPU, and TA.
Notes:
1. Data based on characterization results, not tested in production.
2. When VtPOR is faster than 100 µs/V, the Reset signal is released after a delay of max. 42µs after VDD crosses the
VIT+(LVD) threshold.
3. If the medium or low thresholds are selected, the detection may occur outside the specified operating voltage range.
Below 3.8V, device operation is not guaranteed.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIT+(LVD)
Reset release threshold
(VDD rise)
VD level = High in option byte
4.0 1)
4.2
4.5
V
VD level = Med. in option byte3)
VD level = Low in option byte3)
3.55 1)
2.95 1)
3.75
3.15
4.01)
3.351)
VIT-(LVD)
Reset generation threshold
(VDD fall)
VD level = High in option byte
3.8
4.0
4.25 1)
VD level = Med. in option byte3)
VD level = Low in option byte3)
3.351)
2.81)
3.55
3.0
3.751)
3.15 1)
Vhys(LVD)
LVD voltage threshold hysteresis 1)
VIT+(LVD)-VIT-(LVD)
150
200
250
mV
VtPOR
VDD rise time
1)2)
6
∝
µs/V
tg(VDD)
VDD glitches filtered (not detected)
by LVD 1)
40
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com