Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72F521R6TC Datasheet(PDF) 179 Page - STMicroelectronics

Part # ST72F521R6TC
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
PDF  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F521R6TC Datasheet(HTML) 179 Page - STMicroelectronics

Back Button ST72F521R6TC Datasheet HTML 175Page - STMicroelectronics ST72F521R6TC Datasheet HTML 176Page - STMicroelectronics ST72F521R6TC Datasheet HTML 177Page - STMicroelectronics ST72F521R6TC Datasheet HTML 178Page - STMicroelectronics ST72F521R6TC Datasheet HTML 179Page - STMicroelectronics ST72F521R6TC Datasheet HTML 180Page - STMicroelectronics ST72F521R6TC Datasheet HTML 181Page - STMicroelectronics ST72F521R6TC Datasheet HTML 182Page - STMicroelectronics ST72F521R6TC Datasheet HTML 183Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 211 page
background image
ST72521
179/211
EMC CHARACTERISTICS (Cont’d)
12.7.3 Absolute Electrical Sensitivity
Based on three different tests (ESD, LU and DLU)
using specific measurement methods, the product
is stressed in order to determine its performance in
terms of electrical sensitivity. For more details, re-
fer to the AN1181 ST7 application note.
12.7.3.1 Electro-Static Discharge (ESD)
Electro-Static Discharges (a positive then a nega-
tive pulse separated by 1 second) are applied to
the pins of each sample according to each pin
combination. The sample size depends of the
number of supply pins of the device (3 parts*(n+1)
supply pin). Two models are usually simulated:
Human Body Model and Machine Model. This test
conforms to the JESD22-A114A/A115A standard.
See Figure 93 and the following test sequences.
Human Body Model Test Sequence
– CL is loaded through S1 by the HV pulse gener-
ator.
– S1 switches position from generator to R.
– A discharge from CL through R (body resistance)
to the ST7 occurs.
– S2 must be closed 10 to 100ms after the pulse
delivery period to ensure the ST7 is not left in
charge state. S2 must be opened at least 10ms
prior to the delivery of the next pulse.
Machine Model Test Sequence
– CL is loaded through S1 by the HV pulse gener-
ator.
– S1 switches position from generator to ST7.
– A discharge from CL to the ST7 occurs.
– S2 must be closed 10 to 100ms after the pulse
delivery period to ensure the ST7 is not left in
charge state. S2 must be opened at least 10ms
prior to the delivery of the next pulse.
– R (machine resistance), in series with S2, en-
sures a slow discharge of the ST7.
Absolute Maximum Ratings
Figure 93. Typical Equivalent ESD Circuits
Notes:
1. Data based on characterization results, not tested in production.
Symbol
Ratings
Conditions
Maximum value 1) Unit
VESD(HBM)
Electro-static discharge voltage
(Human Body Model)
TA=+25°C
2000
V
VESD(MM)
Electro-static discharge voltage
(Machine Model)
TA=+25°C
200
ST7
S2
R=1500
Ω
S1
HIGH VOLTAGE
CL=100pF
PULSE
GENERATOR
ST7
S2
HIGH VOLTAGE
CL=200pF
PULSE
GENERATOR
S1
HUMAN BODY MODEL
MACHINE MODEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com