Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72260G1B6 Datasheet(PDF) 167 Page - STMicroelectronics

Part # ST72260G1B6
Description  8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72260G1B6 Datasheet(HTML) 167 Page - STMicroelectronics

Back Button ST72260G1B6 Datasheet HTML 163Page - STMicroelectronics ST72260G1B6 Datasheet HTML 164Page - STMicroelectronics ST72260G1B6 Datasheet HTML 165Page - STMicroelectronics ST72260G1B6 Datasheet HTML 166Page - STMicroelectronics ST72260G1B6 Datasheet HTML 167Page - STMicroelectronics ST72260G1B6 Datasheet HTML 168Page - STMicroelectronics ST72260G1B6 Datasheet HTML 169Page - STMicroelectronics ST72260G1B6 Datasheet HTML 170Page - STMicroelectronics ST72260G1B6 Datasheet HTML 171Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 167 / 171 page
background image
ERRATA SHEET
167/171
– PB1=0, PC2=1, PB3=0 while CSS and PLL options are both disabled and PC4 is toggling
– PB1=0, PC2=1, PB3=0, PC4=1 while CSS or PLL options are enabled
This is detailed in the following table:
As a consequence, for cycle-accurate operations, these configurations are prohibited in either
input or output mode.
Workaround:
To avoid this occurring, it is recommended to connect one of these pins to GND (PC2 or PC4)
or VDD (PB1 or PB3).
19.3 16-BIT TIMER PWM MODE
In PWM mode, the first PWM pulse is missed after writing the value FFFCh in the OC12R reg-
ister.
19.4 SPI MULTIMASTER MODE
Multi master mode is not supported.
19.5 MINIMUM OPERATING VOLTAGE
The minimum VDD voltage is 2.7V.
19.6 CSS FUNCTION
The Clock Security System is not guaranteed. The features described in Section 6.4.3 are
subject to revision.
19.7 INTERNAL AND EXTERNAL RC OSCILLATOR WITH LVD
If the LVD is disabled, the internal or external RC oscillator clock source cannot be used.
In ICP mode, new flash devices must be programmed with an external clock connected to the
OSC1 pin or using a crystal or ceramic resonator. In the STVP7 programming tool software,
select the “OPTIONS DISABLED” mode.
19.8 EXTERNAL CLOCK WITH PLL
The PLL option is not supported for use with external clock source.
CSS
PLL
PB1
PC2
PB3
PC4
Clock Disturbance
x
x
0
1
0
Toggling
Max. 2 clock cycles lost at each rising or
falling edge of PC4
xON
0
1
0
1
Max. 1 clock cycle lost out of every 16
ON
x
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com