Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT89C51CC03C-RDTIM Datasheet(PDF) 161 Page - ATMEL Corporation

Part # AT89C51CC03C-RDTIM
Description  Enhanced 8-bit MCU with CAN Controller and Flash Memory
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51CC03C-RDTIM Datasheet(HTML) 161 Page - ATMEL Corporation

Back Button AT89C51CC03C-RDTIM Datasheet HTML 157Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 158Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 159Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 160Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 161Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 162Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 163Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 164Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 165Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 183 page
background image
161
AT89C51CC03
4182B–CAN–09/03
Notes:
1. Operating ICC is measured with all output pins disconnected; XTAL1 driven with
T
CLCH, TCHCL = 5 ns (see Figure 77.), VIL = VSS + 0.5V,
V
IH = VCC - 0.5V; XTAL2 N.C.; EA = RST = Port 0 = VCC. ICC would be slightly higher
if a crystal oscillator used (see Figure 74.).
2. Idle I
CC is measured with all output pins disconnected; XTAL1 driven with TCLCH,
T
CHCL = 5 ns, VIL = VSS + 0.5V, VIH = VCC - 0.5V; XTAL2 N.C; Port 0 = VCC; EA = RST
= V
SS (see Figure 75.).
3. Power-down I
CC is measured with all output pins disconnected; EA = VCC, PORT 0 =
V
CC; XTAL2 NC.; RST = VSS (see Figure 76.). In addition, the WDT must be inactive
and the POF flag must be set.
4. Capacitance loading on Ports 0 and 2 may cause spurious noise pulses to be super-
imposed on the V
OLs of ALE and Ports 1 and 3. The noise is due to external bus
capacitance discharging into the Port 0 and Port 2 pins when these pins make 1 to 0
transitions during bus operation. In the worst cases (capacitive loading 100pF), the
noise pulse on the ALE line may exceed 0.45V with maxi V
OL peak 0.6V. A Schmitt
Trigger use is not necessary.
5. Typicals are based on a limited number of samples and are not guaranteed. The val-
ues listed are at room temperature.
6. Under steady state (non-transient) conditions, I
OL must be externally limited as fol-
lows:
Maximum I
OL per port pin: 10 mA
Maximum I
OL per 8-bit port:
Port 0: 26 mA
Ports 1, 2, 3 and 4: 15 mA
Maximum total I
OL for all output pins: 71 mA
If IOL exceeds the test condition, VOL may exceed the related specification. Pins are
not guaranteed to sink current greater than the listed test conditions.
Figure 74. I
CC Test Condition, Active Mode
I
CC
Power Supply Current
I
CCOP = TBD
I
CCIDLE = TBD
Vcc = 5.5V(1)(2)
Table 115. DC Parameters in Standard Voltage (Continued)
Symbol Parameter
Min
Typ(5)
Max
Unit
Test Conditions
EA
VCC
V
CC
ICC
(NC)
CLOCK
SIGNAL
VCC
All other pins are disconnected.
RST
XTAL2
XTAL1
V
SS
V
CC
P0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com