Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT89C51RB2-3CSIM Datasheet(PDF) 112 Page - ATMEL Corporation

Part # AT89C51RB2-3CSIM
Description  Microcontroller with 16K/32K Bytes Flash
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51RB2-3CSIM Datasheet(HTML) 112 Page - ATMEL Corporation

Back Button AT89C51RB2-3CSIM Datasheet HTML 108Page - ATMEL Corporation AT89C51RB2-3CSIM Datasheet HTML 109Page - ATMEL Corporation AT89C51RB2-3CSIM Datasheet HTML 110Page - ATMEL Corporation AT89C51RB2-3CSIM Datasheet HTML 111Page - ATMEL Corporation AT89C51RB2-3CSIM Datasheet HTML 112Page - ATMEL Corporation AT89C51RB2-3CSIM Datasheet HTML 113Page - ATMEL Corporation AT89C51RB2-3CSIM Datasheet HTML 114Page - ATMEL Corporation AT89C51RB2-3CSIM Datasheet HTML 115Page - ATMEL Corporation AT89C51RB2-3CSIM Datasheet HTML 116Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 127 page
background image
112
AT89C51RB2/RC2
4180C–8051–12/03
Table 76. AC Parameters for a Fix Clock
Table 77. AC Parameters for a Variable Clock
Symbol
-M
-L
Units
Min
Max
Min
Max
T25
25
ns
TLHLL
35
35
ns
TAVLL
55
ns
TLLAX
55
ns
TLLIV
n 65
65
ns
TLLPL
55
ns
TPLPH
50
50
ns
TPLIV
30
30
ns
TPXIX
00
ns
TPXIZ
10
10
ns
TAVIV
80
80
ns
TPLAZ
10
10
ns
Symbol
Type
Standard
Clock
X2 Clock
X Parameter for -
M Range
X Parameter for
-L Range
Units
T
LHLL
Min
2 T - x
T - x
15
15
ns
T
AVLL
Min
T - x
0.5 T - x
20
20
ns
T
LLAX
Min
T - x
0.5 T - x
20
20
ns
T
LLIV
Max
4 T - x
2 T - x
35
35
ns
T
LLPL
Min
T - x
0.5 T - x
15
15
ns
T
PLPH
Min
3 T - x
1.5 T - x
25
25
ns
T
PLIV
Max
3 T - x
1.5 T - x
45
45
ns
T
PXIX
Min
x
x
0
0
ns
T
PXIZ
Max
T - x
0.5 T - x
15
15
ns
T
AVIV
Max
5 T - x
2.5 T - x
45
45
ns
T
PLAZ
Max
x
x
10
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com