Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT89C51SND1C-ROTIL Datasheet(PDF) 135 Page - ATMEL Corporation

Part # AT89C51SND1C-ROTIL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51SND1C-ROTIL Datasheet(HTML) 135 Page - ATMEL Corporation

Back Button AT89C51SND1C-ROTIL Datasheet HTML 131Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 132Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 133Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 134Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 135Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 136Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 137Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 138Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 139Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 210 page
background image
135
AT8xC51SND1C
4109E–8051–06/03
Internal Baud Rate Generator
When using the Internal Baud Rate Generator, the Baud Rate is derived from the over-
flow of the timer. As shown in Figure 95 the Internal Baud Rate Generator is an 8-bit
auto-reload timer fed by the peripheral clock or by the peripheral clock divided by 6
depending on the SPD bit in BDRCON register (see Table 129). The Internal Baud Rate
Generator is enabled by setting BBR bit in BDRCON register. SMOD1 bit in PCON reg-
ister allows doubling of the generated baud rate.
Figure 95. Internal Baud Rate Generator Block Diagram
Synchronous Mode
(Mode 0)
Mode 0 is a half-duplex, synchronous mode, which is commonly used to expand the I/0
capabilities of a device with shift registers. The transmit data (TXD) pin outputs a set of
eight clock pulses while the receive data (RXD) pin transmits or receives a Byte of data.
The 8-bit data are transmitted and received least-significant bit (LSB) first. Shifts occur
at a fixed Baud Rate (see Section "Baud Rate Selection (Mode 0)", page 136).
Figure 96 shows the serial port block diagram in Mode 0.
Figure 96. Serial I/O Port Block Diagram (Mode 0)
Transmission (Mode 0)
To start a transmission mode 0, write to SCON register clearing bits SM0, SM1.
As shown in Figure 97, writing the Byte to transmit to SBUF register starts the transmis-
sion. Hardware shifts the LSB (D0) onto the RXD pin during the first clock cycle
composed of a high level then low level signal on TXD. During the eighth clock cycle the
MSB (D7) is on the RXD pin. Then, hardware drives the RXD pin high and asserts TI to
indicate the end of the transmission.
0
1
Overflow
SPD
BDRCON.1
BRG
(8 bits)
BRL
(8 bits)
PER
CLOCK
÷ 6
IBRG
CLOCK
BRR
BDRCON.4
0
1
SMOD1
PCON.7
÷ 2
To serial
Port
BRG
CLOCK
TXD
RXD
SBUF Tx SR
SBUF Rx SR
SM1
SCON.6
SM0
SCON.7
Mode Decoder
M3 M2 M1 M0
Mode
Controller
RI
SCON.0
TI
SCON.1
PER
CLOCK
Baud Rate
Controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com