Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT89C51SND1C-ROTIL Datasheet(PDF) 152 Page - ATMEL Corporation

Part # AT89C51SND1C-ROTIL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51SND1C-ROTIL Datasheet(HTML) 152 Page - ATMEL Corporation

Back Button AT89C51SND1C-ROTIL Datasheet HTML 148Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 149Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 150Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 151Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 152Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 153Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 154Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 155Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 156Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 210 page
background image
152
AT8xC51SND1C
4109E–8051–06/03
Configuration
The SPI configuration is made through SPCON.
Master Configuration
The SPI operates in master mode when the MSTR bit in SPCON is set.
Slave Configuration
The SPI operates in slave mode when the MSTR bit in SPCON is cleared and data has
been loaded is SPDAT.
Data Exchange
There are 2 possible methods to exchange data in master and slave modes:
•
polling
•
interrupts
Master Mode with Polling
Policy
Figure 119 shows the initialization phase and the transfer phase flows using the polling
method. Using this flow prevents any overrun error occurrence.
The bit rate is selected according to Table 131. The transfer format depends on the
slave peripheral.
SS may be deasserted between transfers depending also on the slave peripheral.
SPIF flag is cleared when reading SPDAT (SPSTA has been read before by the “end of
transfer” check).
This polling method provides the fastest effective transmission and is well adapted when
communicating at high speed with other microcontrollers. However, the procedure may
then be interrupted at any time by higher priority tasks.
Figure 119. Master SPI Polling Flows
SPI Initialization
Polling Policy
Disable interrupt
SPIE = 0
SPI Transfer
Polling Policy
End Of Transfer?
SPIF = 1?
Select Master Mode
MSTR = 1
Select Bit Rate
program SPR2:0
Select Format
program CPOL & CPHA
Enable SPI
SPEN = 1
Select Slave
Pn.x = L
Start Transfer
write data in SPDAT
Last Transfer?
Get Data Received
read SPDAT
Deselect Slave
Pn.x = H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com