Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT89C51SND1C-ROTIL Datasheet(PDF) 160 Page - ATMEL Corporation

Part # AT89C51SND1C-ROTIL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51SND1C-ROTIL Datasheet(HTML) 160 Page - ATMEL Corporation

Back Button AT89C51SND1C-ROTIL Datasheet HTML 156Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 157Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 158Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 159Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 160Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 161Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 162Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 163Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 164Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 210 page
background image
160
AT8xC51SND1C
4109E–8051–06/03
Bit Rate
The bit rate can be selected from seven predefined bit rates or from a programmable bit
rate generator using the SSCR2, SSCR1, and SSCR0 control bits in SSCON (see
Table 142). The predefined bit rates are derived from the peripheral clock (F
PER) issued
from the Clock Controller block as detailed in section "Oscillator", page 12, while bit rate
generator is based on timer 1 overflow output.
Note:
1. These bit rates are outside of the low speed standard specification limited to 100 kHz
but can be used with high speed TWI components limited to 400 kHz.
Master Transmitter Mode
In the master transmitter mode, a number of data Bytes are transmitted to a slave
receiver (see Figure 125). Before the master transmitter mode can be entered, SSCON
must be initialized as follows:
SSCR2:0 define the serial bit rate (see Table 135). SSPE must be set to enable the con-
troller. SSSTA, SSSTO and SSI must be cleared.
The master transmitter mode may now be entered by setting the SSSTA bit. The TWI
logic will now monitor the TWI bus and generate a START condition as soon as the bus
becomes free. When a START condition is transmitted, the serial interrupt flag (SSI bit
in SSCON) is set, and the status code in SSSTA is 08h. This status must be used to
vector to an interrupt routine that loads SSDAT with the slave address and the data
direction bit (SLA+W). The serial interrupt flag (SSI) must then be cleared before the
serial transfer can continue.
When the slave address and the direction bit have been transmitted and an acknowl-
edgment bit has been received, SSI is set again and a number of status code in SSSTA
are possible. There are 18h, 20h or 38h for the master mode and also 68h, 78h or B0h if
the slave mode was enabled (SSAA = logic 1). The appropriate action to be taken for
each of these status code is detailed in Table 136. This scheme is repeated until a
STOP condition is transmitted.
SSPE and SSCR2:0 are not affected by the serial transfer and are not referred to in
Table 136. After a repeated START condition (state 10h) the controller may switch to
the master receiver mode by loading SSDAT with SLA+R.
Table 135. Serial Clock Rates
SSCRx
Bit Frequency (kHz)
F
PER Divided By
210
F
PER = 6 MHz
F
PER = 8 MHz
F
PER = 10 MHz
0
0
0
47
62.5
78.125
256
0
0
1
53.5
71.5
89.3
224
0
1
0
62.5
83
104.2(1)
192
0
1
1
75
100
125(1)
160
1
0
0
12.5
16.5
20.83
960
1
0
1
100
133.3(1)
166.7(1)
120
110
200(1)
266.7(1)
333.3(1)
60
1
1
1
0.5 <
⋅ < 125(1)
0.67 <
⋅ < 166.7(1) 0.81 < ⋅ < 208.3(1) 96 ⋅ (256 – reload value Timer 1)
SSCR2
SSPE
SSSTA
SSSTO
SSI
SSAA
SSCR1
SSCR0
Bit Rate
1
0
0
0
X
Bit Rate
Bit Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com