Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADE3800SXL Datasheet(PDF) 114 Page - STMicroelectronics

Part # ADE3800SXL
Description  Analog LCD Display Engine for XGA and SXGA Resolutions with Embedded LVDS and RSDS Transmitters
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3800SXL Datasheet(HTML) 114 Page - STMicroelectronics

Back Button ADE3800SXL Datasheet HTML 110Page - STMicroelectronics ADE3800SXL Datasheet HTML 111Page - STMicroelectronics ADE3800SXL Datasheet HTML 112Page - STMicroelectronics ADE3800SXL Datasheet HTML 113Page - STMicroelectronics ADE3800SXL Datasheet HTML 114Page - STMicroelectronics ADE3800SXL Datasheet HTML 115Page - STMicroelectronics ADE3800SXL Datasheet HTML 116Page - STMicroelectronics ADE3800SXL Datasheet HTML 117Page - STMicroelectronics ADE3800SXL Datasheet HTML 118Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 138 page
background image
Register Description by Block
ADE3800
114/138
Programmable output swing and common mode voltage
Per channel programmable delay
Programmable LVDS clock output polarity
4.19.1 Output Channels
128 Pin Package
16 channels dedicated RSDS;
10 channels shared by LVDS or RSDS
— LVDS (1ppc): 4 data + 1 clock = 5 (others are unused)
— LVDS (2ppc): 8 data + 2 clock = 10
— RSDS: 10 data (both 1ppc and 2ppc)
100 Pin Package
3 channels dedicated to RSDS,
10 channels shared by LVDS or RSDS
— LVDS (1ppc): 4 data + 1 clock = 5 (others are unused)
— LVDS (2ppc): 8 data + 2 clock = 10
— RSDS: 10 data (1ppc on channel A only)
Table 41: LVDS/RSDS Registers (Sheet 1 of 5)
Register Name
Address
Bits
Mode
Rst
Description
ANA_LVDSANA0
0060
[7]
R/W
84
PLL Manual/Auto Select
0: manual (using ANA_LVDSANA0[1:0])
1*: auto
[6]
R/W
PLL Comparator Current Select
0*: 300uA (normal)
1: 200uA
[5:4]
R/W
PLL Charge Pump Current Select
0*: 10uA (normal)
1: 25uA
2: 50uA
3: 100uA (fast response)
[1:0]
R/W
PLL Manual Range Select
(enabled by ANA_LVDSANA0[7])
0*: 25uA (slowest)
1: 75uA
2: 125uA
3: 175uA (fastest)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com