Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST7F10BF0B6 Datasheet(PDF) 143 Page - STMicroelectronics

Part # ST7F10BF0B6
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7F10BF0B6 Datasheet(HTML) 143 Page - STMicroelectronics

Back Button ST7F10BF0B6 Datasheet HTML 139Page - STMicroelectronics ST7F10BF0B6 Datasheet HTML 140Page - STMicroelectronics ST7F10BF0B6 Datasheet HTML 141Page - STMicroelectronics ST7F10BF0B6 Datasheet HTML 142Page - STMicroelectronics ST7F10BF0B6 Datasheet HTML 143Page - STMicroelectronics ST7F10BF0B6 Datasheet HTML 144Page - STMicroelectronics ST7F10BF0B6 Datasheet HTML 145Page - STMicroelectronics ST7F10BF0B6 Datasheet HTML 146Page - STMicroelectronics ST7F10BF0B6 Datasheet HTML 147Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 159 page
background image
ST7LITE1xB
143/159
13.12 ANALOG COMPARATOR CHARACTERISTICS
13.13 PROGRAMMABLE INTERNAL VOLTAGE REFERENCE CHARACTERISTICS
13.14 CURRENT BIAS CHARACTERISTICS (for Comparator and Internal Voltage Reference)
Notes:
1. Unless otherwise specified, typical data are based on TA=25°C and VDD-VSS=5V. They are given only as design guide-
lines and are not tested.
2. Since startup time for internal voltage reference and bias is 1 µs, comparator correct output should not be expected
before 1 µs during startup.
Symbol
Parameter
Conditions
Min
Typ 1)
Max
Unit
VDDA
Supply range
4.5
5.5
V
VIN
Comparator input voltage range
0VDDA
V
Temp
Temperature range
-40
125
°C
Voffset
Comparator offset error
20
mV
IDD(CMP)
Analog Comparator Consumption
120
µA
Analog Comparator Consumption
during power-down
200
pA
tpropag
Comparator propagation delay
40
ns
tstartup
Startup filter duration
5002)
ns
tstab
Stabilisation time
500
ns
Symbol
Parameter
Conditions
Min
Typ 1)
Max
Unit
VDDA
Supply range
45
5.5
V
Temp
Temperature range
-40
27
125
°C
IDD(VOLTREF)
Internal Voltage
Reference Consumption
50
µA
Internal Voltage
Reference Consumption
during power-down
200
pA
tstartup
Startup duration
12)
µs
Symbol
Parameter
Conditions
Min
Typ 1)
Max
Unit
VDDA
Supply range
4.5
5
5.5
V
Temp
Temperature range
-40
27
125
°C
IDD (Bias)
Bias Consumption in run mode
50
µA
Bias Consumption during power-
down
36
pA
tstartup
Startup time
12)
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com