Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST7F10BF0B6 Datasheet(PDF) 157 Page - STMicroelectronics

Part # ST7F10BF0B6
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7F10BF0B6 Datasheet(HTML) 157 Page - STMicroelectronics

Back Button ST7F10BF0B6 Datasheet HTML 151Page - STMicroelectronics ST7F10BF0B6 Datasheet HTML 152Page - STMicroelectronics ST7F10BF0B6 Datasheet HTML 153Page - STMicroelectronics ST7F10BF0B6 Datasheet HTML 154Page - STMicroelectronics ST7F10BF0B6 Datasheet HTML 155Page - STMicroelectronics ST7F10BF0B6 Datasheet HTML 156Page - STMicroelectronics ST7F10BF0B6 Datasheet HTML 157Page - STMicroelectronics ST7F10BF0B6 Datasheet HTML 158Page - STMicroelectronics ST7F10BF0B6 Datasheet HTML 159Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 157 / 159 page
background image
ST7LITE1xB
157/159
16 REVISION HISTORY
Date
Revision
Main changes
20-Dec-05
1
Initial release on internet
20-July-06
2
Added reset default state in bold for RESET, PC0 and PC1 in Table 1, “Device Pin Descrip-
tion,” on page 7
Changed note below Figure 9 on page 17 and the last paragraph of “ACCESS ERROR HAN-
DLING” on page 18
Modified note 3 in Table 2, “Hardware Register Map,” on page 10, changed LTICR reset val-
ue and replaced h by b for LTCSR1, ATCSR and SICSR reset values
Added note to Figure 14 on page 26
Modified caution in section 7.2 on page 23
Added note 2 in “EXTERNAL INTERRUPT CONTROL REGISTER (EICR)” on page 38 and
changed “External Interrupt Function” on page 48
Removed references to true open drain in Table 8 on page 50, Table 9 on page 51 and notes
Replaced Auto reload timer 3 by Auto reload timer 4 in section 11.2 on page 57
Modified the BA bit description in the BREAKCR register in section 11.2.6 on page 70
Changed order of Section 11.3.3.2 and section 11.3.3.3 on page 80 and removed two para-
graphs before section 11.3.4 on page 81
Modified Section 11.3.3.2
Modified bit names in the description of LTARR and LTCNTR registers in section 11.3.6 on
page 81
Added important note in section 11.6.3 on page 100 and added note to CHYST bit descrip-
tion in section 11.6.4 on page 102
Modified CINV bit description in section 11.6.4 on page 102 and Figure 62 on page 101
Changed LTCSR2 reset values in Table 2 on page 10 and in section 11.3.6 on page 81
Modified section 13.2.2 on page 111 (IIO values)
Modified Section 13.3.1 and section 13.3.2 on page 112
Removed VtPOR min value in section 13.3.3.1 on page 113
Modified section 13.3.4 on page 114
Modified section 13.3.5 on page 114
Modified section 13.3.5.1 on page 115 and section 13.3.5.2 on page 117
Modified temperature range in section 13.3.5.3 on page 119
Modified section 13.4.1 on page 121
Added note in section 13.5.3 on page 124
Removed figures “PLLx4 and PLLx8 Output vs CLKIN frequency”
Updated section 13.5.4 on page 125
Modified section 13.6 on page 126
Modified Section 13.7.1 and section 13.7.2 on page 127
Modified section 13.10.1 on page 137 (tsu(SS), tv(MO) and th(MO))
Modified Figure 108 (CPHA=1) and Figure 109 on page 138 (tv(MO) , th(MO))
Removed empty figure “Typical IPU vs. VDD with VIN=VSS” in section 13.8.1 on page 129 and
modified note 3
Modified temperature range in section 13.8.2 on page 130
Modified section 13.9.1 on page 135
Added “related Application notes” in section 13.11 on page 139
Removed EMC protection circuitry in Figure 106 on page 136 (device works correctly without
these components)
Modified ADC accuracy table in section 13.11 on page 139
Modified temperature range in Section 13.12, Section 13.13 and section 13.14 on page 143
Modified Table 27 on page 150
Added note 3 to ED and EL in Table “ADC Accuracy with VDD=5.0V” on page 140
Modified section 14.2 on page 148
Modified section 15.2 on page 151 (part numbers in QFN20 package)
Updated section 15.3 on page 153
15-Sept-06
3
Removed QFN20 pinout and mechanical data.
Modified description of CNTR[11:0] bits in section 11.2.6 on page 72
Added “External Clock Source” on page 124 and Figure 78 on page 124
Modified Table 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com