| Electronic Components Datasheet Search |
|
SABRE-LL-I Datasheet(PDF) 117 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SABRE-LL-I Datasheet(HTML) 117 Page - STMicroelectronics |
|
117 / 141 page ![]() SABRE-LL-I GPIO pins 117/141 22.12 GPIO[10] The GPIO[10] truth table is (for the abbreviation list please refer to Table 68): Table 89. GPIO[10] truth Op1EnPlusPin(1) 1. The Op1EnMinusPin bit in the OpAmp1Ctrl register enables the connection of the positive input of Op1 to GPIO[10] pin. GPIO[10] SPI BITS Function (2) 2. The GPIO[10] pin is used by the system when firmware requires the ID read action (Chapter 25) Note GpioOut enable[10] Mode[2] Mode[1] Mode[0] 1X X X X OpAmp1 in- (3) 3. When Op1EnPlusPin = ‘1’ the GpioOutEnable[10] bit is forced to 0. 0 0 X X X HiZ (SPI_IN) 0 1 000 SPI OUT (4) 4. In all configurations in which GPIO[10] is enabled as output: a) the GPIO[10] pin can be always used as an analog input to the ADC system (ADC function) by writing its address in the A2DChannelX[4:0] in the A2DConfigX register and starting a conversion; b) the GPIO[10] pin can be always used as a digital input so its value can be always read through SPI interface (SPI_IN function); c) please note that GPIO[10] output is directly connected to ExtPWM2 input for bridge 1 or 2 and therefore particular care must be taken in order to avoid wrong PWM signals when ExtPWM2 is selected for bridge 1 or 2; d) the GPIO[10] pin is a rail to rail output supplied by VGPIO_SPI. 0 1 0 0 1 Interrupt Ctrl (4) 0 1 010 AuxPwm2 (4) 0 1 011 AuxPwm3 (4) 0 1 1 0 0 Interrupt Ctrl inverted (4) 0 1 1 0 1 AuxPwm2 inverted (4) 0 1 0 0 0 AuxPwm3 inverted (4) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |