Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STV8247DSX Datasheet(PDF) 107 Page - STMicroelectronics

Part # STV8247DSX
Description  Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8247DSX Datasheet(HTML) 107 Page - STMicroelectronics

Back Button STV8247DSX Datasheet HTML 103Page - STMicroelectronics STV8247DSX Datasheet HTML 104Page - STMicroelectronics STV8247DSX Datasheet HTML 105Page - STMicroelectronics STV8247DSX Datasheet HTML 106Page - STMicroelectronics STV8247DSX Datasheet HTML 107Page - STMicroelectronics STV8247DSX Datasheet HTML 108Page - STMicroelectronics STV8247DSX Datasheet HTML 109Page - STMicroelectronics STV8247DSX Datasheet HTML 110Page - STMicroelectronics STV8247DSX Datasheet HTML 111Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 156 page
background image
107/156
STV82x7
Register List
See Table 27: Prologic II Decode Mode Configuration for programmation of these bits depending on
the decode mode.
PRO_LOGIC2_DIMENSION
See Table 27: Prologic II Decode Mode Configuration for programmation of these bits depending on
the decode mode.
Bit Name
Reset
Function
Bits[7:6]
00
Reserved.
PL2_SRND_FILTR[1:0]
00
00: 0: Off
01: 1: Shelf Filter (for music and matrix modes)
10: 2: 7 kHz LP
11: 3: not applicable
PL2_RS_POLARITY
0
0: Rs polarity normal
1: Rs polarity inverted
PL2_PANORAMA
0
0: Panorama Off
1: Panorama On
PL2_AUTOBALANCE
0
0: Autobalance Off
1: Autobalance On
Address: AEh
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
PL2_C_WIDTH
0
PL2_DIMENSION
Bit Name
Reset
Function
Bit 7
0
Reserved.
PL2_C_WIDTH[2:0]
000
000: 0, No Spread = OFF
100: 54
001: 20
101: 62
010: 28
110: 69
011: 36
111: 90, Phantom
Bit 3
0
Reserved.
PL2_DIMENSION[2:0] 000
000: -3, most surround
001: -2
010: -1
011: 0, neutral = OFF
100: 1
101: 2
110:3, most center
111: not applicable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com