Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R8C Datasheet(PDF) 133 Page - Renesas Technology Corp

Part # R8C
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C Datasheet(HTML) 133 Page - Renesas Technology Corp

Back Button R8C Datasheet HTML 129Page - Renesas Technology Corp R8C Datasheet HTML 130Page - Renesas Technology Corp R8C Datasheet HTML 131Page - Renesas Technology Corp R8C Datasheet HTML 132Page - Renesas Technology Corp R8C Datasheet HTML 133Page - Renesas Technology Corp R8C Datasheet HTML 134Page - Renesas Technology Corp R8C Datasheet HTML 135Page - Renesas Technology Corp R8C Datasheet HTML 136Page - Renesas Technology Corp R8C Datasheet HTML 137Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 199 page
background image
R8C/10 Group
15. Programmable I/O Ports
Rev.1.20 Jan 27, 2006
page 123 of 180
REJ09B0019-0120
PD0
PD0_4
0
0
0
1
PUR0
PU01
0
1
0
X
ADCON0
CH2, CH1, CH0
XXX
XXX
0112
XXX
Table 15.5 Port P04/AN3 Setting
Register
Bit
Setting value
Function
Input port (not pulled up)
Input port (pulled up)
A/D input (AN3)
Output port
PD0
PD0_5
0
0
0
1
PUR0
PU01
0
1
0
X
ADCON0
CH2, CH1, CH0
XXX
XXX
0102
XXX
Table 15.6 Port P05/AN2 setting
Register
Bit
Setting value
Function
Input port (not pulled up)
Input port (pulled up)
A/D input (AN2)
Output port
PD0
PD0_6
0
0
0
1
PUR0
PU01
0
1
0
X
ADCON0
CH2, CH1, CH0
XXX
XXX
0012
XXX
Table 15.7 Port P06/AN1 Setting
Register
Bit
Setting value
Function
Input port (not pulled up)
Input port (pulled up)
A/D input (AN1)
Output port
PD0
PD0_7
0
0
0
1
PUR0
PU01
0
1
0
X
ADCON0
CH2, CH1, CH0
XXX
XXX
0002
XXX
Table 15.8 Port P07/AN0 Setting
Register
Bit
Setting value
Function
Input port (not pulled up)
Input port (pulled up)
A/D input (AN0)
Output port
X: “0” or “1”
X: “0” or “1”
X: “0” or “1”
X: “0” or “1”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com