Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R8C Datasheet(PDF) 162 Page - Renesas Technology Corp

Part # R8C
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C Datasheet(HTML) 162 Page - Renesas Technology Corp

Back Button R8C Datasheet HTML 158Page - Renesas Technology Corp R8C Datasheet HTML 159Page - Renesas Technology Corp R8C Datasheet HTML 160Page - Renesas Technology Corp R8C Datasheet HTML 161Page - Renesas Technology Corp R8C Datasheet HTML 162Page - Renesas Technology Corp R8C Datasheet HTML 163Page - Renesas Technology Corp R8C Datasheet HTML 164Page - Renesas Technology Corp R8C Datasheet HTML 165Page - Renesas Technology Corp R8C Datasheet HTML 166Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 199 page
background image
R8C/10 Group
Rev.1.20 Jan 27, 2006
page 152 of 180
REJ09B0019-0120
Write ‘D016’ to the given block
address
Start
Block erase completed
YES
NO
Write the command code ‘2016’
FMR00=1?
Full status check
Figure 17.10 Block Erase Flow Chart (When Not Using Erase-suspend Function)
• Block Erase
Write ‘2016’ in the first bus cycle and write ‘D016’ to the given address of a block in the second bus
cycle, and an auto erase operation (erase and verify) will start.
Check the FMR00 bit in the FMR0 register to see if auto erasing has finished.
The FMR00 bit is “0” during auto erasing and set to “1” when auto erasing is completed.
Check the FMR07 bit in the FMR0 register after auto erasing has finished, and the result of auto
erasing can be known. (Refer to Section 17.4.5, “Full Status Check.”)
When the FMR02 bit in the FMR0 register is set to “0” (rewrite disabled), the Block Erase command
on the Block0 and Block1 is not accepted.
Figure 17.10 shows an example of a block erase flowchart when the erase-suspend function is not
used. Figure 17.11 shows an example of a block erase flowchart when the erase-suspend function is
used.
In EW1 mode, do not execute this command on any address at which the rewrite control program is
located.
In EW0 mode, the microcomputer goes to read status register mode at the same time auto erasing
starts, making it possible to read the status register. The status register bit 7 (SR7) is cleared to “0” at
the same time auto erasing starts, and set back to “1” when auto erasing finishes. In this case, the
microcomputer remains in read status register mode until the Read Array command is written next.
17.4 CPU Rewrite Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com