Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R8C Datasheet(PDF) 174 Page - Renesas Technology Corp

Part # R8C
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C Datasheet(HTML) 174 Page - Renesas Technology Corp

Back Button R8C Datasheet HTML 170Page - Renesas Technology Corp R8C Datasheet HTML 171Page - Renesas Technology Corp R8C Datasheet HTML 172Page - Renesas Technology Corp R8C Datasheet HTML 173Page - Renesas Technology Corp R8C Datasheet HTML 174Page - Renesas Technology Corp R8C Datasheet HTML 175Page - Renesas Technology Corp R8C Datasheet HTML 176Page - Renesas Technology Corp R8C Datasheet HTML 177Page - Renesas Technology Corp R8C Datasheet HTML 178Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 199 page
background image
R8C/10 Group
19. Usage Notes
Rev.1.20 Jan 27, 2006
page 164 of 180
REJ09B0019-0120
Figure 19.1 Example of Procedure for Changing Interrupt Factor
Disable Interrupt(2, 3)
Change interrupt factor (including mode of
peripheral functions)
Enable interrupt(2, 3)
Interrupt factor change
Change completed
• IR bit: The interrupt control register bit of an interrupt whose
factor is changed
NOTES:
1. Execute the above setting individually. Do not execute two
or more settings at once (by one instruction).
2. Use the I flag for the INTi (i=0 to 3) interrupt.
To prevent interrupt requests from being generated when
using peripheral function interrupts other than the INTi
interrupt factor. In this case, use the I flag when all
maskable interrupts can be disabled. When all maskable
interrupts cannot be disabled, use the ILVL0 to ILVL2 bits
of the interrupt whose factor is changed.
3. Refer to “19.2.6 Changing Interrupt Control Register” for the
instructions to be used and their usage notes.
Set IR bit to “0” (interrupt not requested) using
MOV instruction(3)
19.2.5 Changing Interrupt Factor
The IR bit in the interrupt control register may be set to “1” (interrupt requested) when the interrupt
factor is changed. When using an interrupt, set the IR bit to “0” (interrupt not request) after changing
the interrupt factor. In addition, the changes of interrupt factors include all elements that change the
interrupt factors assigned to individual software interrupt numbers, polarities, and timing. Therefore,
when a mode change of the peripheral functions involves interrupt factors, edge polarities, and timing,
set the IR bit to “0” (interrupt not requested) after the change. Refer to each peripheral function for the
interrupts caused by the peripheral functions.
Figure 19.1 shows an Example of Procedure for Changing Interrupt Factor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com