Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 354 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 354 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 350Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 351Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 352Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 353Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 354Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 355Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 356Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 357Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 358Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 354 / 1228 page
background image
Section 9 Direct Memory Access Controller (DMAC)
Rev. 2.00 May. 08, 2008 Page 330 of 1200
REJ09B0344-0200
Table 9.6
Selecting External Request Detection with DL and DS Bits
CHCR
DL bit
DS bit
Detection of External Request
0
Low level detection
0
1
Falling edge detection
1
0
High level detection
1
Rising edge detection
When DREQ is accepted, the DREQ pin enters the request accept disabled state (non-sensitive
period). After issuing acknowledge DACK signal for the accepted DREQ, the DREQ pin again
enters the request accept enabled state.
When DREQ is used by level detection, there are following two cases by the timing to detect the
next DREQ after outputting DACK.
Overrun 0: Transfer is terminated after the same number of transfer has been performed as
requests.
Overrun 1: Transfer is terminated after transfers have been performed for (the number of requests
plus 1) times.
The DO bit in CHCR selects this overrun 0 or overrun 1.
Table 9.7
Selecting External Request Detection with DO Bit
CHCR
DO bit
External Request
0
Overrun 0
1
Overrun 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com