Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 432 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 432 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 428Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 429Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 430Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 431Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 432Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 433Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 434Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 435Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 436Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 432 / 1228 page
background image
Section 10 Multi-Function Timer Pulse Unit 2 (MTU2)
Rev. 2.00 May. 08, 2008 Page 408 of 1200
REJ09B0344-0200
Bit
Bit Name
Initial
Value
R/W
Description
0
ITB4VE
0*
R/W
TCIV_4 Interrupt Skipping Link Enable
Select whether to link A/D converter start requests
(TRG4BN) with TCIV_4 interrupt skipping operation.
0: Does not link with TCIV_4 interrupt skipping
1: Links with TCIV_4 interrupt skipping
Notes: 1. TADCR must not be accessed in eight bits; it should always be accessed in 16 bits.
2. When interrupt skipping is disabled (the T3AEN and T4VEN bits in the timer interrupt
skipping set register (TITCR) are cleared to 0 or the skipping count set bits (3ACOR
and 4VCOR) in TITCR are cleared to 0), do not link A/D converter start requests with
interrupt skipping operation (clear the ITA3AE, ITA4VE, ITB3AE, and ITB4VE bits in the
timer A/D converter start request control register (TADCR) to 0).
3. If link with interrupt skipping is enabled while interrupt skipping is disabled, A/D
converter start requests will not be issued.
*
Do not set to 1 when complementary PWM mode is not selected.
Table 10.29 Setting of Transfer Timing by Bits BF1 and BF0
Bit 7
Bit 6
BF1
BF0
Description
0
0
Does not transfer data from the cycle set buffer register to the cycle
set register.
0
1
Transfers data from the cycle set buffer register to the cycle set
register at the crest of the TCNT_4 count.*
1
1
0
Transfers data from the cycle set buffer register to the cycle set
register at the trough of the TCNT_4 count.*
2
1
1
Transfers data from the cycle set buffer register to the cycle set
register at the crest and trough of the TCNT_4 count.*
2
Notes: 1. Data is transferred from the cycle set buffer register to the cycle set register when the
crest of the TCNT_4 count is reached in complementary PWM mode, when compare
match occurs between TCNT_3 and TGRA_3 in reset-synchronized PWM mode, or
when compare match occurs between TCNT_4 and TGRA_4 in PWM mode 1 or
normal operation mode.
2. These settings are prohibited when complementary PWM mode is not selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com