Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 458 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 458 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 454Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 455Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 456Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 457Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 458Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 459Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 460Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 461Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 462Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 458 / 1228 page
background image
Section 10 Multi-Function Timer Pulse Unit 2 (MTU2)
Rev. 2.00 May. 08, 2008 Page 434 of 1200
REJ09B0344-0200
10.3.30
Timer Buffer Transfer Set Register (TBTER)
TBTER is an 8-bit readable/writable register that enables or disables transfer from the buffer
registers* used in complementary PWM mode to the temporary registers and specifies whether to
link the transfer with interrupt skipping operation. The MTU2 has one TBTER.
Bit:
Initial value:
R/W:
7654321
0
00000000
RRRRRR
R/W
R/W
-
-
-
-
-
-
BTE[1:0]
Bit
Bit Name
Initial
Value
R/W
Description
7 to 2
—
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
1, 0
BTE[1:0]
00
R/W
These bits enable or disable transfer from the buffer
registers* used in complementary PWM mode to the
temporary registers and specify whether to link the
transfer with interrupt skipping operation.
For details, see table 10.42.
Note:
*
Applicable buffer registers:
TGRC_3, TGRD_3, TGRC_4, TGRD_4, and TCBR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com