Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 463 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 463 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 459Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 460Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 461Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 462Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 463Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 464Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 465Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 466Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 467Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 463 / 1228 page
background image
Section 10 Multi-Function Timer Pulse Unit 2 (MTU2)
Rev. 2.00 May. 08, 2008 Page 439 of 1200
REJ09B0344-0200
Bit
Bit Name
Initial
Value
R/W
Description
0
WRE
0
R/(W)
Waveform Retain Enable
Selects the waveform output when synchronous
counter clearing occurs in complementary PWM mode.
The output waveform is retained only when
synchronous clearing occurs within the Tb interval at
the trough in complementary PWM mode. When
synchronous clearing occurs outside this interval, the
initial value specified in TOCR is output regardless of
the WRE bit setting. The initial value is also output
when synchronous clearing occurs in the Tb interval at
the trough immediately after TCNT_3 and TCNT_4 start
operation.
For the Tb interval at the trough in complementary
PWM mode, see figure 10.40.
0: Outputs the initial value specified in TOCR
1: Retains the waveform output immediately before
synchronous clearing
[Setting condition]
• When 1 is written to WRE after reading WRE = 0
Note:
*
Do not set to 1 when complementary PWM mode is not selected.
10.3.33
Bus Master Interface
The timer counters (TCNT), general registers (TGR), timer subcounter (TCNTS), timer cycle
buffer register (TCBR), timer dead time data register (TDDR), timer cycle data register (TCDR),
timer A/D converter start request control register (TADCR), timer A/D converter start request
cycle set registers (TADCOR), and timer A/D converter start request cycle set buffer registers
(TADCOBR) are 16-bit registers. A 16-bit data bus to the bus master enables 16-bit read/writes. 8-
bit read/write is not possible. Always access in 16-bit units.
All registers other than the above registers are 8-bit registers. These are connected to the CPU by a
16-bit data bus, so 16-bit read/writes and 8-bit read/writes are both possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com