Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 845 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 845 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 841Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 842Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 843Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 844Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 845Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 846Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 847Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 848Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 849Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 845 / 1228 page
background image
Section 19 Pin Function Controller (PFC)
Rev. 2.00 May. 08, 2008 Page 821 of 1200
REJ09B0344-0200
(5)
Port A Control Register L3 (PACRL3)
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0000000000000000
R
R/W
R/W
R/W
R
R/W
R/W
R/W
R
R/W
R/W
R/W
R
R/W
R/W
R/W
----
PA9MD[2:0]
PA11MD[2:0]
PA10MD[2:0]
PA8MD[2:0]
Bit:
Initial value:
R/W:
Bit
Bit Name
Initial
Value
R/W
Description
15
⎯
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.
14 to 12 PA11MD[2:0] 000*
R/W
PA11 Mode
Select the function of the PA11/A11 pin.
• Area 0: 16-bit mode/8-bit mode
000: PA11 I/O (port)
001: A11 output (BSC) (initial value)
010: Setting prohibited
011: Setting prohibited
100: Setting prohibited
101: Setting prohibited
110: Setting prohibited
111: Setting prohibited
11
⎯
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.
10 to 8
PA10MD[2:0] 000*
R/W
PA10 Mode
Select the function of the PA10/A10 pin.
• Area 0: 16-bit mode/8-bit mode
000: PA10 I/O (port)
001: A10 output (BSC) (initial value)
010: Setting prohibited
011: Setting prohibited
100: Setting prohibited
101: Setting prohibited
110: Setting prohibited
111: Setting prohibited



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com