Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 868 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 868 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 864Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 865Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 866Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 867Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 868Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 869Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 870Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 871Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 872Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 868 / 1228 page
background image
Section 19 Pin Function Controller (PFC)
Rev. 2.00 May. 08, 2008 Page 844 of 1200
REJ09B0344-0200
19.1.5
Port D I/O Register (PDIOR)
PDIOR is a 16-bit readable/writable register that is used to set the pins on port D as inputs or
outputs. Bits PD15IOR to PD0IOR correspond to pins PD15 to PD0. PDIOR is enabled when the
port D pins are functioning as general-purpose inputs/outputs (PD15 to PD0). In other states,
PDIOR is disabled. A given pin on port D will be an output pin if the corresponding bit in PDIOR
is set to 1, and an input pin if the bit is cleared to 0.
PDIOR is initialized to H'0000 by a power-on; but is not initialized by a manual reset or in sleep
mode or software standby mode.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0000000000000000
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
Initial value:
R/W:
PD13
IOR
PD12
IOR
PD11
IOR
PD9
IOR
PD8
IOR
PD7
IOR
PD6
IOR
PD5
IOR
PD4
IOR
PD3
IOR
PD2
IOR
PD1
IOR
PD0
IOR
PD15
IOR
PD14
IOR
PD10
IOR
19.1.6
Port D Control Registers L1 to L4 (PDCRL1 to PDCRL4)
PDCRL1 to PDCRL4 are 16-bit readable/writable registers that are used to select the functions of
the multiplexed pins on port D.
PDCRL1 to PDCRL4 are initialized to the values shown in table 19.6 by a power-on reset; but are
not initialized by a manual reset or in sleep mode or software standby mode.
Table 19.6
Initial Values of Port D Control Registers
Initial Value
Register Name
Area 0: 16-Bit Mode
Area 0: 8-Bit Mode
PDCRL4
H'1111
H'0000
PDCRL3
H'1111
H'0000
PDCRL2
H'1111
H'1111
PDCRL1
H'1111
H'1111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com