Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 895 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 895 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 891Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 892Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 893Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 894Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 895Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 896Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 897Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 898Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 899Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 895 / 1228 page
background image
Section 20 I/O Ports
Rev. 2.00 May. 08, 2008 Page 871 of 1200
REJ09B0344-0200
20.2.1
Register Descriptions
Table 20.3 lists the port B registers.
Table 20.3
Register Configuration
Register Name
Abbreviation
R/W
Initial Value
Address
Access Size
Port B data register H
PBDRH
R/W
H'0000
H'FFFE3880
8, 16, 32
Port B data register L
PBDRL
R/W
H'0000
H'FFFE3882
8, 16
Port B port register H
PBPRH
R
H'xxxx
H'FFFE389C
8, 16, 32
Port B port register L
PBPRL
R
H'xxxx
H'FFFE389E
8, 16
20.2.2
Port B Data Registers H, L (PBDRH, PBDRL)
PBDRH and PBDRL are 16-bit readable/writable registers that store port B data. Bits PB30DR
and PB0DR correspond to pins PB30 to PB0, respectively.
When a pin function is general output, if a value is written to PBDRH or PBDRL, the value is
output directly from the pin, and if PBDRH or PBDRL is read, the register value is returned
directly regardless of the pin state.
When a pin function is general input, if PBDRH or PBDRL is read, the pin state, not the register
value, is returned directly. If a value is written to PBDRH or PBDRL, although that value is
written into PBDRH or PBDRL, it does not affect the pin state. Table 20.4 summarizes PBDRH
and PBDRL read/write operations.
PBDRH and PBDRL are initialized to the value shown in table 20.3 by a power-on reset, but are
not initialized by a manual reset or in sleep mode or software standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com