Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 1011 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 1011 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 1007Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1008Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1009Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1010Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1011Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1012Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1013Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1014Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1015Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1011 / 1228 page
background image
Section 22 On-Chip RAM
Rev. 2.00 May. 08, 2008 Page 987 of 1200
REJ09B0344-0200
Section 22 On-Chip RAM
This LSI has an on-chip RAM module which can be used to store instructions or data.
On-chip RAM operation and write access to the RAM can be enabled or disabled through the
RAM enable bits and RAM write enable bits.
22.1
Features
• Pages
The on-chip RAM is divided into four pages (pages 0 to 3).
• Memory map
The on-chip RAM is located in the address spaces shown in table 22.1.
Table 22.1
On-Chip RAM Address Spaces
Page
Address
Page 0
H'FFF80000 to H'FFF81FFF
Page 1
H'FFF82000 to H'FFF83FFF
Page 2
H'FFF84000 to H'FFF85FFF
Page 3
H'FFF86000 to H'FFF87FFF
• Ports
Each page has two independent read and write ports and is connected to the internal bus (I
bus), CPU instruction fetch bus (F bus), and CPU memory access bus (M bus). (Note that the F
bus is connected only to the read ports.)
The F bus and M bus are used for access by the CPU, and the I bus is used for access by the
DMAC.
• Priority
When the same page is accessed from different buses simultaneously, the access is processed
according to the priority. The priority is I bus
> M bus > F bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com