Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 1080 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 1080 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 1076Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1077Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1078Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1079Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1080Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1081Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1082Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1083Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1084Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1080 / 1228 page
background image
Section 26 List of Registers
Rev. 2.00 May. 08, 2008 Page 1056 of 1200
REJ09B0344-0200
Module
Name
Register
Abbreviation
Bit
31/23/15/7
Bit
30/22/14/6
Bit
29/21/13/5
Bit
28/20/12/4
Bit
27/19/11/3
Bit
26/18/10/2
Bit
25/17/9/1
Bit
24/16/8/0
TGRB_4S
TGRC_4S
TGRD_4S
TBTM_4S
⎯
⎯
⎯
⎯
⎯
⎯
TTSB
TTSA
BF[1:0]
⎯
⎯
⎯
⎯
⎯
⎯
TADCRS
UT4AE
DT4AE
UT4BE
DT4BE
ITA3AE
ITA4VE
ITB3AE
ITB4VE
TADCORA_4S
TADCORB_4S
TADCOBRA_4S
TADCOBRB_4S
TCRU_5S
⎯
⎯
⎯
⎯
⎯
⎯
TPSC[1:0]
TCRV_5S
⎯
⎯
⎯
⎯
⎯
⎯
TPSC[1:0]
TCRW_5S
⎯
⎯
⎯
⎯
⎯
⎯
TPSC[1:0]
TIORU_5S
⎯
⎯
⎯
IOC[4:0]
TIORV_5S
⎯
⎯
⎯
IOC[4:0]
TIORW_5S
⎯
⎯
⎯
IOC[4:0]
TIER_5S
⎯
⎯
⎯
⎯
⎯
TGIE5U
TGIE5V
TGIE5W
TSR_5S
⎯
⎯
⎯
⎯
⎯
CMFU5
CMFV5
CMFW5
TSTR_5S
⎯
⎯
⎯
⎯
⎯
CSTU5
CSTV5
CSTW5
TCNTU_5S
TCNTV_5S
TCNTW_5S
TGRU_5S
TGRV_5S
TGRW_5S
TCNTCMPCLRS
⎯
⎯
⎯
⎯
⎯
CMPCLR
5U
CMPCLR
5V
CMPCLR
5W
TSTRS
CST4
CST3
⎯
⎯
⎯
CST2
CST1
CST0
TSYRS
SYNC4
SYNC3
⎯
⎯
⎯
SYNC2
SYNC1
SYNC0
TRWERS
⎯
⎯
⎯
⎯
⎯
⎯
⎯
RWE
MTU2S
TOERS
⎯
⎯
OE4D
OE4C
OE3D
OE4B
OE4A
OE3B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com