Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 179 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 179 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 175Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 176Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 177Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 178Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 179Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 180Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 181Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 182Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 183Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 1228 page
background image
Section 7 User Break Controller (UBC)
Rev. 2.00 May. 08, 2008 Page 155 of 1200
REJ09B0344-0200
7.3.8
Break Address Mask Register_2 (BAMR_2)
BAMR_2 is a 32-bit readable/writable register. BAMR_2 specifies bits masked in the break
address bits specified by BAR_2. BAMR_2 is initialized to H'00000000 by a power-on reset, but
retains its previous value by a manual reset or in software standby mode or sleep mode.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0000000000000000
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
0000000000000000
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
Initial value:
R/W:
Bit:
Initial value:
R/W:
BAM2_31 BAM2_30 BAM2_29 BAM2_28 BAM2_27 BAM2_26 BAM2_25 BAM2_24 BAM2_23 BAM2_22 BAM2_21 BAM2_20 BAM2_19 BAM2_18 BAM2_17 BAM2_16
BAM2_15 BAM2_14 BAM2_13 BAM2_12 BAM2_11 BAM2_10 BAM2_9
BAM2_8
BAM2_7
BAM2_6
BAM2_5
BAM2_4
BAM2_3
BAM2_2
BAM2_1
BAM2_0
Bit
Bit Name
Initial
Value
R/W
Description
31 to 0
BAM2_31 to
BAM2_0
All 0
R/W
Break Address Mask 2
Specify bits masked in the channel-2 break address
bits specified by BAR_2 (BA2_31 to BA2_0).
0: Break address bit BA2_n is included in the break
condition
1: Break address bit BA2_n is masked and not
included in the break condition
Note:
n = 31 to 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com