Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 195 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 195 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 191Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 192Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 193Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 194Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 195Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 196Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 197Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 198Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 199Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 1228 page
background image
Section 7 User Break Controller (UBC)
Rev. 2.00 May. 08, 2008 Page 171 of 1200
REJ09B0344-0200
(Example 1-3)
• Register specifications
BBR_0 = H'0054, BAR_0 = H'00008404, BAMR_0 = H'00000FFF, BBR_1 = H'0054,
BAR_1 = H'00008010, BAMR_1 = H'00000006, BRCR = H'00000020
<Channel 0>
Address:
H'00008404, Address mask: H'00000FFF
Bus cycle: C bus/instruction fetch (after instruction execution)/read (operand size is not
included in the condition)
<Channel 1>
Address:
H'00008010, Address mask: H'00000006
Bus cycle: C bus/instruction fetch (before instruction execution)/read (operand size is not
included in the condition)
A user break occurs after an instruction with addresses H'00008000 to H'00008FFE is executed
or before an instruction with addresses H'00008010 to H'00008016 are executed.
(2)
Break Condition Specified for C Bus Data Access Cycle
(Example 2-1)
• Register specifications
BBR_0 = H'0064, BAR_0 = H'00123456, BAMR_0 = H'00000000,
BBR_1 = H'006A, BAR_1 = H'000ABCDE, BAMR_1 = H'000000FF, BRCR = H'00000000
<Channel 0>
Address:
H'00123456, Address mask: H'00000000
Bus cycle: C bus/data access/read (operand size is not included in the condition)
<Channel 1>
Address:
H'000ABCDE, Address mask: H'000000FF
Bus cycle: C bus/data access/write/word
On channel 0, a user break occurs with longword read from address H'00123456, word read
from address H'00123456, or byte read from address H'00123456. On channel 1, a user break
occurs when word is written in addresses H'000ABC00 to H'000ABCFE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com