Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 215 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 215 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 211Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 212Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 213Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 214Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 215Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 216Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 217Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 218Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 219Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 1228 page
background image
Section 8 Bus State Controller (BSC)
Rev. 2.00 May. 08, 2008 Page 191 of 1200
REJ09B0344-0200
8.4.3
CSn Space Wait Control Register (CSnWCR) (n = 0 to 7)
CSnWCR specifies various wait cycles for memory access. The bit configuration of this register
varies as shown below according to the memory type (TYPE2 to TYPE0) specified by the CSn
space bus control register (CSnBCR). Specify CSnWCR before accessing the target area. Specify
CSnBCR first, then specify CSnWCR.
CSnWCR is initialized to H'00000500 by a power-on reset and retains the value by a manual reset
and in software standby mode.
(1)
Normal Space, SRAM with Byte Selection, MPX-I/O
• CS0WCR
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0000000000000000
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
0000010100000000
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R
R
R
R
R/W
R/W
Bit:
Initial value:
R/W:
Bit:
Initial value:
R/W:
-----------
BAS
----
-
-
-
SW[1:0]
WR[3:0]
WM
-
-
-
-
HW[1:0]
Bit
Bit Name
Initial
Value
R/W
Description
31 to 21
⎯ *
All 0
R/W
Reserved
These bits are always read as 0. The write value
should always be 0.
20
BAS*
0
R/W
Byte Access Selection when SRAM with Byte
Selection is Used
Specifies the
WEn and RD/WR signal timing when the
SRAM interface with byte selection is used.
0: Asserts the
WEn signal at the read/write timing and
asserts the RD/
WR signal during the write access
cycle.
1: Asserts the
WEn signal during the read/write access
cycle and asserts the RD/
WR signal at the write
timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com