| Electronic Components Datasheet Search |
|
R5F72115D160FPV Datasheet(PDF) 318 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F72115D160FPV Datasheet(HTML) 318 Page - Renesas Technology Corp |
|
318 / 1228 page ![]() Section 8 Bus State Controller (BSC) Rev. 2.00 May. 08, 2008 Page 294 of 1200 REJ09B0344-0200 The sequence for reclaiming the bus mastership from an external device is described below. 1.5 cycles after the negation of BREQ is detected at the falling edge of CK, the bus control signals are driven high. The bus acknowledge signal is negated at the next falling edge of the clock. The fastest timing at which actual bus cycles can be resumed after bus control signal assertion is at the rising edge of the CK where address and data signals are driven. Figure 8.40 shows the bus arbitration timing. When it is necessary to refresh SDRAM while releasing the bus mastership, the bus mastership should be returned using the REFOUT signal. For details on the selection of REFOUT, see section 19, Pin Function Controller (PFC). The REFOUT signal is kept asserting at low level until the bus mastership is acquired. The BREQ signal is negated by asserting the REFOUT signal and the bus mastership is returned from the external device. If the bus mastership is not returned for a refreshing period or longer, the contents of SDRAM cannot be guaranteed because a refreshing cannot be executed. While releasing the bus mastership, the SLEEP instruction (to enter sleep mode or standby mode), as well as a manual reset, cannot be executed until the LSI obtains the bus mastership. The BREQ input signal is ignored in standby mode and the BACK output signal is placed in the high impedance state. If the bus mastership request is required in this state, the bus mastership must be released by pulling down the BACK pin to enter standby mode. The bus mastership release ( BREQ signal for high level negation) after the bus mastership request ( BREQ signal for low level assertion) must be performed after the bus usage permission (BACK signal for low level assertion). If the BREQ signal is negated before the BACK signal is asserted, only one cycle of the BACK signal is asserted depending on the timing of the BREQ signal to be negated and this may cause a bus contention between the external device and the LSI. CK Other bus contorol sigals BREQ BACK A25 to A0 D15 to D0 CSn Figure 8.40 Bus Arbitration Timing (Clock Mode 7 or CMNCR.HIZCNT = 1) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |