Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M32C/8B Datasheet(PDF) 168 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 168 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 164Page - Renesas Technology Corp M32C/8B Datasheet HTML 165Page - Renesas Technology Corp M32C/8B Datasheet HTML 166Page - Renesas Technology Corp M32C/8B Datasheet HTML 167Page - Renesas Technology Corp M32C/8B Datasheet HTML 168Page - Renesas Technology Corp M32C/8B Datasheet HTML 169Page - Renesas Technology Corp M32C/8B Datasheet HTML 170Page - Renesas Technology Corp M32C/8B Datasheet HTML 171Page - Renesas Technology Corp M32C/8B Datasheet HTML 172Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 406 page
background image
Under development
M32C/8B Group
15. Timer A
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 151 of 385
Figure 15.11
TRGSR Register
b7 b6 b5 b4
b1
b2
b3
Symbol
TRGSR
Address
0343h
After Reset
00h
b0
Function
Bit Symbol
Bit Name
RW
RW
RW
RW
RW
RW
Trigger Select Register
RW
RW
RW
NOTE:
1. Overflow or underflow.
TA1TGH
TA2TGH
TA3TGL
TA2TGL
TA1TGL
TA3TGH
TA4TGL
TA4TGH
b1 b0
0 0: Input to the TA1IN pin selected
0 1: TB2 overflows selected(1)
1 0: TA0 overflows selected(1)
1 1: TA2 overflows selected(1)
b3 b2
0 0: Input to the TA2IN pin selected
0 1: TB2 overflows selected(1)
1 0: TA1 overflows selected(1)
1 1: TA3 overflows selected(1)
Timer A2 trigger select bits
b5 b4
0 0: Input to the TA3IN pin selected
0 1: TB2 overflows selected(1)
1 0: TA2 overflows selected(1)
1 1: TA4 overflows selected(1)
Timer A3 trigger select bits
b7 b6
0 0: Input to the TA4IN pin selected
0 1: TB2 overflows selected(1)
1 0: TA3 overflows selected(1)
1 1: TA0 overflows selected(1)
Timer A4 trigger select bits
Timer A1 trigger select bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com