Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M32C/8B Datasheet(PDF) 258 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 258 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 254Page - Renesas Technology Corp M32C/8B Datasheet HTML 255Page - Renesas Technology Corp M32C/8B Datasheet HTML 256Page - Renesas Technology Corp M32C/8B Datasheet HTML 257Page - Renesas Technology Corp M32C/8B Datasheet HTML 258Page - Renesas Technology Corp M32C/8B Datasheet HTML 259Page - Renesas Technology Corp M32C/8B Datasheet HTML 260Page - Renesas Technology Corp M32C/8B Datasheet HTML 261Page - Renesas Technology Corp M32C/8B Datasheet HTML 262Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 258 / 406 page
background image
Under development
M32C/8B Group
17. Serial Interfaces
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 241 of 385
17.1.5
Special Mode 3 (GCI Mode)
Full-duplex clock synchronous serial communications are allowed in this mode. When a trigger is input to the
CTSi (i = 0 to 4) pin, the internal clock which is synchronized with the continuous external clock is generated,
and a transmit and receive operation is started.
Table 17.15 lists specifications of GCI mode. Table 17.16 lists pin settings. Figure 17.30 shows register settings.
Table 17.15
GCI Mode Specifications
NOTE:
1. If an overrun error occurs, a read from the UiRB register returns undefined values. The IR bit in the SiRIC
register remains unchanged as 0 (interrupt not requested).
Item
Specification
Data format
Data length: 8 bits long
Serial clock
Select the external clock
Set the CKDIR bit in the UiMR register (i = 0 to 4) to 1 (external clock).
When a trigger is input, the external clock or the clock divided by 2 becomes the
serial clock.
Transmit and receive start
condition
A transmit and receive operation starts when a trigger is input to the CTSi pin after all
the following are met:
• Set the TE bit in the UiC1 register to 1 (transmit operation enabled)
• The TI bit in the UiC1 register is 1 (data in the UiTB register)
• Set the RE bit in the UiC1 register to 1 (receive operation enabled)
• Set the SCLKSTPB bit in the UiC1 register is set to 0 (clock-divided
synchronization stopped)
The SCLKSTPB bit becomes 1 (clock-divided synchronization started) when a
trigger is input to the CTSi pin
Transmit and receive stop
condition
The SCLKSTPB bit in the UiC1 register is set to 0
Interrupt request generation
timing
Transmit interrupt (The UiIRS bit in the UiC1 register selects one of the following):
• The UiIRS bit is set to 0 (no data in the UiTB register):
when data is transferred from the UiTB register to the UARTi transmit shift register
(transmit operation started)
• The UiIRS bit is set to 1 (transmit operation completed):
when data transmit operation from the UARTi transmit shift register is completed
Receive interrupt:
• When data is transferred from the UARTi receive shift register to the UiRB register
(receive operation completed)
Error detection
Overrun error(1)
Overrun error occurs when the 7th bit of the next data is received before reading the
UiRB register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com