Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M32C/86T Datasheet(PDF) 221 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 221 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 217Page - Renesas Technology Corp M32C/86T Datasheet HTML 218Page - Renesas Technology Corp M32C/86T Datasheet HTML 219Page - Renesas Technology Corp M32C/86T Datasheet HTML 220Page - Renesas Technology Corp M32C/86T Datasheet HTML 221Page - Renesas Technology Corp M32C/86T Datasheet HTML 222Page - Renesas Technology Corp M32C/86T Datasheet HTML 223Page - Renesas Technology Corp M32C/86T Datasheet HTML 224Page - Renesas Technology Corp M32C/86T Datasheet HTML 225Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 221 / 505 page
background image
Page 198
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
17. Serial I/O (Clock Synchronous Serial I/O)
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
D0
D1
D2
D3
D4
D5
D6
D7
TxDi
(no inverse)
Transfer clock
"H"
"L"
"H"
"L"
TxDi
(inverse)
"H"
"L"
(1) When the UiLCH bit in the UiC1 register (i=0 to 4) is set to "0" (not inversed)
Transfer clock
"H"
"L"
(2) When the UiLCH bit in the UiC1 register is set to "1" (inverse)
NOTES:
1. The above applies when the CKPOL bit in the UiC0 register is set to "0" (data is transmitted on
the falling edge) and the UFORM bit in the UiC0 register is set to "0" (LSB first).
D0
D1
D2
D3
D4
D5
D6
D7
17.1.3 Continuous Receive Mode
When the UiRRM bit in the UiC1 register (i=0 to 4) is set to "1" (continuous receive mode), the TI bit is set
to "0" (data in the UiTB register) by reading the UiRB register. When the UiRRM bit is set to "1", do not set
dummy data in the UiTB register by program.
17.1.4 Serial Data Logic Inverse
When the UiLCH bit (i=0 to 4) in the UiC1 register is set to "1" (inverse), data logic written in the UiTB
register is inversed when transmitted. The inversed receive data logic can be read by reading the UiRB
register. Figure 17.13 shows a switching example of the serial data logic.
Figure 17.13 Serial Data Logic Inverse



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com