Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SH7018 Datasheet(PDF) 121 Page - Renesas Technology Corp

Part # SH7018
Description  SuperH??RISC engine
PDF  431 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7018 Datasheet(HTML) 121 Page - Renesas Technology Corp

Back Button SH7018 Datasheet HTML 117Page - Renesas Technology Corp SH7018 Datasheet HTML 118Page - Renesas Technology Corp SH7018 Datasheet HTML 119Page - Renesas Technology Corp SH7018 Datasheet HTML 120Page - Renesas Technology Corp SH7018 Datasheet HTML 121Page - Renesas Technology Corp SH7018 Datasheet HTML 122Page - Renesas Technology Corp SH7018 Datasheet HTML 123Page - Renesas Technology Corp SH7018 Datasheet HTML 124Page - Renesas Technology Corp SH7018 Datasheet HTML 125Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 431 page
background image
105
8.2.2
Timer Mode Register (TMDR)
The TMDR is an 8-bit read/write register that sets the operating mode for each channel. The MTU
has three TMDR registers, one for each channel. TMDR is initialized to H'C0 by a power-on reset.
Channel 0: TMDR0
Bit:
7
6
5
4
3
2
1
0
——
BFB
BFA
MD3
MD2
MD1
MD0
Initial value:
1
1
0
0
0
0
0
0
R/W:
R
R
R/W
R/W
R/W
R/W
R/W
R/W
Channels 1 and 2: TMDR1, TMDR2
Bit:
7
6
5
4
3
2
1
0
——
——
MD3
MD2
MD1
MD0
Initial value:
1
1
0
0
0
0
0
0
R/W:
R
R
R
R
R/W
R/W
R/W
R/W
• Bits 7 and 6—Reserved: These bits are always read as 1. The write value should always be 1.
• Bit 5—Buffer Operation B (BFB): Designates whether to use the TGRB register for normal
operation, or buffer operation in combination with the TGRD register. When using TGRD as a
buffer register, no TGRD register input capture/output compares are generated.
This bit is reserved in channels 1 and 2, which have no TGRD registers. It is always read as 0.
The write value should always be 0.
Bit 5: BFB
Description
0
TGRB operates normally
(Initial value)
1
TGRB and TGRD buffer operation
• Bit 4—Buffer Operation A (BFA): Designates whether to use the TGRA register for normal
operation, or buffer operation in combination with the TGRC register. When using TGRC as a
buffer register, no TGRC register input capture/output compares are generated.
This bit is reserved in channels 1 and 2, which have no TGRC registers. It is always read as 0.
The write value should always be 0.
Bit 4: BFA
Description
0
TGRA operates normally
(Initial value)
1
TGRA and TGRC buffer operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com