Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M16C/62A Datasheet(PDF) 420 Page - Renesas Technology Corp

Part # M16C/62A
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/62A Datasheet(HTML) 420 Page - Renesas Technology Corp

Back Button M16C/62A Datasheet HTML 416Page - Renesas Technology Corp M16C/62A Datasheet HTML 417Page - Renesas Technology Corp M16C/62A Datasheet HTML 418Page - Renesas Technology Corp M16C/62A Datasheet HTML 419Page - Renesas Technology Corp M16C/62A Datasheet HTML 420Page - Renesas Technology Corp M16C/62A Datasheet HTML 421Page - Renesas Technology Corp M16C/62A Datasheet HTML 422Page - Renesas Technology Corp M16C/62A Datasheet HTML 423Page - Renesas Technology Corp M16C/62A Datasheet HTML 424Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 420 / 615 page
background image
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
2-103
UART
372
1
372
92
1116
1
1116
278
2
186
2
558
4
93
4
279
88
16
16
1/2
744
185
1/2
2232
557
1/4
1488
371
1/4
4464
1115
1/8
2976
743
1/8
8928
2231
1/16
5952
1487
1/16
17856
4463
1/32
11904
2975
1/32
35712
8927
1/64
23808
5951
1/64
71424
17855
558
1
558
1488
1
1488
371
2
279
2
744
185
4
4
372
92
8
8
186
16
16
93
1/2
1116
278
1/2
2976
743
1/4
2232
557
1/4
5952
1487
1/8
4464
1115
1/8
11904
2975
1/16
8928
2231
1/16
23808
5951
1/32
17856
4463
1/32
47616
11903
1/64
35712
8927
1/64
95232
23807
744
1
744
185
1860
1
1860
464
2
372
92
2
930
4
186
4
465
893
8
16
16
1/2
1488
371
1/2
3720
929
1/4
2976
743
1/4
7440
1859
1/8
5952
1487
1/8
14880
3719
1/16
11904
2975
1/16
29760
7439
1/32
23808
5951
1/32
59520
14879
1/64
47616
11903
1/64
119040
29759
Combination impossible
Combination in which the F/D itself does not become an integer
Setting example under the following conditions.
f(XIN)=16MHz
Timer Ai counter set value = 3, UART2 bit rate generator set value = 0
Timer Ai value
F/D
F/D
SIM card
internal clock
F(Hz)
Bit rate
D
Bit rate
D
SIM card
internal clock
F(Hz)
Timer Aj value
Table 2.5.9. TimerAi register adjustment factor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com