Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M16C/62A Datasheet(PDF) 458 Page - Renesas Technology Corp

Part # M16C/62A
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/62A Datasheet(HTML) 458 Page - Renesas Technology Corp

Back Button M16C/62A Datasheet HTML 454Page - Renesas Technology Corp M16C/62A Datasheet HTML 455Page - Renesas Technology Corp M16C/62A Datasheet HTML 456Page - Renesas Technology Corp M16C/62A Datasheet HTML 457Page - Renesas Technology Corp M16C/62A Datasheet HTML 458Page - Renesas Technology Corp M16C/62A Datasheet HTML 459Page - Renesas Technology Corp M16C/62A Datasheet HTML 460Page - Renesas Technology Corp M16C/62A Datasheet HTML 461Page - Renesas Technology Corp M16C/62A Datasheet HTML 462Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 458 / 615 page
background image
A-D Converter
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
2-141
f(Xin)
Cycle
Sampling time
R
C
Resolution
R0
(MHz)
(pF)
(LSB)
10
0.1
0.3
7.8
3.0
0.1
3.0
(3 x cycle,
0.3
4.5
Sample & hold
0.5
5.3
bit is
0.7
5.9
enabled)
0.9
6.4
1.1
6.8
1.3
7.2
1.5
7.5
1.7
7.8
1.9
8.1
10
0.1
0.2
7.8
3.0
0.3
0.4
(2 x cycle,
0.5
0.9
Sample & hold
0.7
1.3
bit is
0.9
1.7
disabled)
1.1
2.0
1.3
2.2
1.5
2.4
1.7
2.6
1.9
2.8
f(Xin)
Cycle
Sampling time
R
C
Resolution
R0
(MHz)
(pF)
(LSB)
10
0.1
0.3
7.8
3.0
0.1
4.9
(3 x cycle,
0.3
7.0
Sample & hold
0.5
8.2
bit is
0.7
9.1
enabled)
0.9
9.9
1.1
10.5
1.3
11.1
1.5
11.7
1.7
12.1
1.9
12.6
10
0.1
0.2
7.8
3.0
0.1
0.7
(2 x cycle,
0.3
2.1
Sample & hold
0.5
2.9
bit is
0.7
3.5
disabled)
0.9
4.0
1.1
4.4
1.3
4.8
1.5
5.2
1.7
5.5
1.9
5.8
Tables 2.7.14. Relation between output impedance and precision (error) of A-D converter (10-bit mode) Reference value
Tables 2.7.15. Relation between output impedance and precision (error) of A-D converter (8-bit mode) Reference value
(
µs)
(
µs)
(k
Ω)
(
µs)
(
µs)
(k
Ω)
(k
Ω)
(k
Ω)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com