Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M16C/62A Datasheet(PDF) 525 Page - Renesas Technology Corp

Part # M16C/62A
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/62A Datasheet(HTML) 525 Page - Renesas Technology Corp

Back Button M16C/62A Datasheet HTML 521Page - Renesas Technology Corp M16C/62A Datasheet HTML 522Page - Renesas Technology Corp M16C/62A Datasheet HTML 523Page - Renesas Technology Corp M16C/62A Datasheet HTML 524Page - Renesas Technology Corp M16C/62A Datasheet HTML 525Page - Renesas Technology Corp M16C/62A Datasheet HTML 526Page - Renesas Technology Corp M16C/62A Datasheet HTML 527Page - Renesas Technology Corp M16C/62A Datasheet HTML 528Page - Renesas Technology Corp M16C/62A Datasheet HTML 529Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 525 / 615 page
background image
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
2-208
DMAC Applications
3.6 Memory to Memory DMA Transfer
The following are steps for changing both source address and destination address to transfer
data from memory to another. The DMA transfer utilizes the workings that assign a higher priority
to the DMA0 transfer if transfer requests simultaneously occur in two DMA channels. Figure
3.6.1 shows the operation timing, Figure 3.6.2 shows the block diagram, and Figures 3.6.3 and
3.6.4 show the set-up procedure.
Use the following peripheral functions:
• Timer mode of timer A
• Two DMAC channels
• One-byte temporary RAM (address 080016)
(1) Transfer the content of memory extending over 128 bytes from address A000016 to a 128-
byte area starting from address C000016. Transfer the content every time a timer A0 interrupt
request occurs.
(2) Use DMA0 for a transfer from the source to built-in memory, and DMA1 for a transfer from
built-in memory to the destination.
(1) A timer A interrupt request occurs. Though both a DMA0 transfer request and a DMA1 trans-
fer request occur simultaneously, the former is executed first.
(2) DMA0 receives a transfer request and transfers data from the source to the built-in memory.
At this time, the source address is incremented.
(3) Next, DMA1 receives a transfer request and transfers data involved from built-in memory to
the destination. At this time, the destination address is incremented.
Overview
Specifications
Operation
Figure 3.6.1. Operation timing of memory to memory DMA transfer
Timer A0
transfer request
Address bus
“0”
“1”
“0”
“1”
“0”
“1”
(1) Transfer request generation
(2) Start DMA0 transferring
(3) Start DMA1 transferring
Instruction cycle
DMA0 operation
DMA1 operation
A000016
080016
080016
C000016
WR signal
RD signal
Source address
Destination address
Source address
Destination address
The DMA0 operation and DMA1 operation are not necessarily executed in succession
due to the a cycle steal operation.
The instruction cycle varies from instruction to instruction.
Since the parts of the RD and WR signals shown in short-dash lines vary in step with
writing to the internal RAM, waveforms are not output to the RD and WR pins.
Note 1:
Note 2:
Note 3:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com