Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M16C/62A Datasheet(PDF) 566 Page - Renesas Technology Corp

Part # M16C/62A
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/62A Datasheet(HTML) 566 Page - Renesas Technology Corp

Back Button M16C/62A Datasheet HTML 562Page - Renesas Technology Corp M16C/62A Datasheet HTML 563Page - Renesas Technology Corp M16C/62A Datasheet HTML 564Page - Renesas Technology Corp M16C/62A Datasheet HTML 565Page - Renesas Technology Corp M16C/62A Datasheet HTML 566Page - Renesas Technology Corp M16C/62A Datasheet HTML 567Page - Renesas Technology Corp M16C/62A Datasheet HTML 568Page - Renesas Technology Corp M16C/62A Datasheet HTML 569Page - Renesas Technology Corp M16C/62A Datasheet HTML 570Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 566 / 615 page
background image
External ROM
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
2-249
5.3 Memory Map
Figure 5.3.1 shows the memory map. Figures 5.3.2 and 5.3.3 show the SFR memory map.
0000016
FFFFF16
0040016
XXXXX16
0400016
External ROM area
SFR area
For detail, see Figures
5.3.2 and 5.3.3
Internal Ram area
Internal reserved area
FFE0016
FFFDC16
FFFFF16
Underfined instruction
Overfiow
BRK instruction
Address match
Single step
Watchdog timer
Reset
Special page
vector table
DBC
NMI
013FF16
3K byte
02BFF16
10K byte
XXXXX16
RAM size
Figure 5.3.1. Memory map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com