| Electronic Components Datasheet Search |
|
M16C/62 Datasheet(PDF) 343 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M16C/62 Datasheet(HTML) 343 Page - Renesas Technology Corp |
|
343 / 621 page ![]() Clock-Synchronous Serial I/O Mitsubishi microcomputers M16C / 62 Group SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 328 Following are some examples in which various functions (a) through (g) are selected: _______ • Transmission Operation WITH: CTS function, transmission at falling edge of transfer clock, LSB First, interrupt at instant transmission buffer is emptied; WITHOUT transfer clock output to multiple pins function ............................................................................................................................ P334 _______ _______ • Transmission Operation WITH: CTS/RTS function disabled, transmission at falling edge of transfer clock, LSB First, interrupt at instant transmission is completed; WITH transfer clock output to mul- tiple pins function (UART0 selection available) ....................................................................... P338 • Reception WITH: RTS function, reception at falling edge of transfer clock, LSB First, successive reception mode disabled; WITHOUT transfer clock output to multiple pins function .............. P342 (6) Input to the serial I/O and the direction register To input an external signal to the serial I/O, set the direction register of the relevant port to input. (7) Pins related to the serial I/O _______ ________ ________ • CTS0, CTS1, CTS2 pins _______ Input pins for the CTS function ________ ________ ________ • RTS0, RTS1, RTS2 pins _______ Output pins for the RTS function • CLK0, CLK1, CLK2 pins Input/output pins for the transfer clock • RxD0, RxD1, RxD2 pins Input pins for data • TxD0, TxD1, TxD2 pins Output pins for data (Since TxD2 pin is N-channel open drain, this pin needs pull-up resistor.) • CLKS1 pin Output pin for transfer clock. Can be used as transfer clock output pin in the transfer clock output to multiple pins function. (8) Registers related to the serial I/O Figure 2.4.1 shows the memory map of serial I/O-related registers, and Figures 2.4.2 to 2.4.6 show serial I/O-related registers. Figure 2.4.1. Memory map of serial I/O-related registers UART0 transmit/receive mode register (U0MR) UART0 transmit buffer register (U0TB) UART0 receive buffer register (U0RB) UART1 transmit/receive mode register (U1MR) UART1 transmit buffer register (U1TB) UART1 receive buffer register (U1RB) UART0 bit rate generator (U0BRG) UART0 transmit/receive control register 0 (U0C0) UART0 transmit/receive control register 1 (U0C1) UART1 bit rate generator (U1BRG) UART1 transmit/receive control register 0 (U1C0) UART1 transmit/receive control register 1 (U1C1) UART transmit/receive control register 2 (UCON) 03A016 03A116 03A216 03A316 03A416 03A516 03A616 03A716 03A816 03A916 03AA16 03AB16 03AC16 03AD16 03AE16 03AF16 03B016 03B116 004F16 005016 005116 005216 005316 005416 UART0 transmit interrupt control register (S0TIC) UART0 receive interrupt control register (S0RIC) UART1 transmit interrupt control regster(S1TIC) UART1 receive interrupt control register(S1RIC) UART2 transmit interrupt control register (S2TIC) UART2 receive interrupt control register (S2RIC) UART2 transmit/receive mode register (U2MR) UART2 transmit buffer register (U2TB) UART2 receive buffer register (U2RB) UART2 bit rate generator (U2BRG) UART2 transmit/receive control register 0 (U2C0) UART2 transmit/receive control register 1 (U2C1) 037816 037916 037A16 037B16 037C16 037D16 037E16 037F16 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |