| Electronic Components Datasheet Search |
|
M16C/62 Datasheet(PDF) 363 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M16C/62 Datasheet(HTML) 363 Page - Renesas Technology Corp |
|
363 / 621 page ![]() UART Mitsubishi microcomputers M16C / 62 Group SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 348 2.5 Clock-Asynchronous Serial I/O (UART) 2.5.1 Overview UART handles communications by means of character-by-character synchronization. The transmission side and the reception side are independent of each other, so full-duplex communication is possible. The following is an overview of the clock-asynchronous serial I/O. (1) Transmission/reception format Figure 2.5.1 shows the transmission/reception format, and Table 2.5.1 shows the names and func- tions of transmission data. Figure 2.5.1. Transmission/reception format Transfer data length : 7 bits 1ST – 7DATA 1SP 1ST – 7DATA 2SP 1ST – 7DATA – 1PAR – 1SP 1ST – 7DATA – 1PAR – 2SP Transfer data length : 8 bits 1ST – 8DATA 1SP 1ST – 8DATA 2SP 1ST – 8DATA – 1PAR – 1SP 1ST – 8DATA – 1PAR – 2SP Transfer data length : 9 bits 1ST – 9DATA 1SP 1ST – 9DATA 2SP 1ST – 9DATA – 1PAR – 1SP 1ST – 9DATA – 1PAR – 2SP ST : Start bit DATA : Character bit (Transfer data) PAR : Parity bit SP : Stop bit Name Function ST (start bit) DATA (character bits) SP (stop bit) A 1-bit “L” signal to be added immediately before character bits. This bit signals the start of data transmission. Transmission data set in the UARTi transmit buffer register. A signal to be added immediately after character bits so as to increase data reliability. The level of this signal so varies that the total number of 1's in character bits and this bit always becomes even or odd depending on which parity is chosen, even or odd. PAR (parity bit) Either 1-bit or 2-bit “H” signal to be added immediately after character bits (after the parity bit if parity is checked). This / they signals the end of data transmission. Table 2.5.1. Transmission data names and functions |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |