| Electronic Components Datasheet Search |
|
M16C/62 Datasheet(PDF) 449 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M16C/62 Datasheet(HTML) 449 Page - Renesas Technology Corp |
|
449 / 621 page ![]() Key-Input Interrupt Mitsubishi microcomputers M16C / 62 Group SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 434 Figure 2.13.1. Memory map of key-input interrupt-related registers 2.13 Key-Input Interrupt Port P10 direction register (PD10) Pull-up control register 2 (PUR2) 004D16 03F616 03FE16 Key input interrupt control register(KUPIC) 2.13.1 Overview Key-input interrupt occurs when a falling edge is input to P104 through P107. The following is an overview of the key-input interrupt: (1) Enabling/disabling the key-input interrupt The key-input interrupt can be enabled and disabled using the key-input interrupt register. The key- input interrupt is affected by the interrupt priority level (IPL) and the interrupt enable flag (I flag). (2) Occurrence timing of the key-input interrupt With key-input interrupt acceptance enabled, pins P104 through P107, which are set to input, become _____ _____ key-input interrupt pins (KI0 through KI3). A key-input interrupt occurs when a falling edge is input to a key-input interrupt pin. At this moment, the level of other key-input interrupt pins must be “H”. No interrupt occurs when the level of other key-input interrupt pins is “L”. (3) How to determine a key-input interrupt A key-input interrupt occurs when a falling edge is input to one of four pins, but each pin has the same vector address. Therefore, read the input level of pins P104 through P107 in the key-input interrupt routine to deter- mine the interrupted pin. (4) Registers related to the key-input interrupt Figure 2.13.1 shows the memory map of key-input interrupt-related registers, and Figure 2.13.2 shows key-input interrupt-related registers. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |