| Electronic Components Datasheet Search |
|
M16C/62 Datasheet(PDF) 491 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M16C/62 Datasheet(HTML) 491 Page - Renesas Technology Corp |
|
491 / 621 page ![]() Controlling Power Applications Mitsubishi microcomputers M16C / 62 Group SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 476 3.7 Controlling Power Using Stop Mode The following are steps for controlling power using stop mode. Figure 3.7.1 shows the operation timing, Figure 3.7.2 shows an example of circuit, and Figures 3.7.3 and 3.7.4 show the set-up procedure. Use the following peripheral functions: • Key-input interrupts • Stop mode • Pull-up function _____ (1) Use P100 through P103 for the scan output pins of a key matrix. Use the input pins (KI0 _____ through KI3) of the key-input interrupt function for the key-input reading pins. The pull-up function is also used. (2) If a key-input interrupt request occurs, clear the stop mode and read a key. _____ _____ (1) Enable a key-input interrupt and set the pull-up function to pins KI0 through KI3. Change the output of P100 through P103 to “L” and enter stop mode. _____ _____ (2) If a key is pressed, “L” is input to one of pins KI0 through KI3 to clear stop mode. A key-input interrupt occurs to execute the key-input interrupt handling routine. (3) Sequentially set P100 through P103 to “L” to determine which key was pressed. (4) When the process to determine the key pressed is completed, change the output from P100 through P103 to “L” again and enter stop mode. Figure 3.7.1. Operation timing of controlling power using stop mode P100 output P101 output P102 output P103 output P104 to P107 input Key input Key OFF Key OFF Key ON Stop mode Key input interrupt processing CPU clock Stop mode Key matrix scan (1) Shift to stop mode (2) Cancel a stop mode (3) Key scan (4) Shift to stop mode Key ON Overview Specifications Operation |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |