| Electronic Components Datasheet Search |
|
M16C/62 Datasheet(PDF) 530 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M16C/62 Datasheet(HTML) 530 Page - Renesas Technology Corp |
|
530 / 621 page ![]() External Buses Mitsubishi microcomputers M16C / 62 Group SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 515 5.3.3 Memory Space Expansion Mode 2 In memory space extension mode 2, the maximum 1 Mbyte of memory space accessible in normal mode is extended to 4 Mbytes. The extended area consists of a 512 Kbytes of area at addresses 4000016 ______ through BFFFF16 selectable by CS0. With this area comprising one bank, a total of seven banks from bank 0 to bank 6 can be used exclusively for data access. Figure 5.3.4. Memory Map in Memory space expansion mode 2 0000016 0040016 FFFFF16 D000016 0800016 Memory expansion mode SFR area Internal RAM area External area Internal ROM area Internal area reserved Internal area reserved 2800016 4000016 0400016 CS3 CS2 CS1 CS0 area expand Data exclusive area Microprocessor mode SFR area Internal RAM area External area Internal area reserved 0000016 0040016 FFFFF16 0800016 CS3 CS2 CS1 CS0 2800016 4000016 0400016 The bank to use is selected by a bank select bit. 0 1 2 3 4 5 program/data area Bank 7 Bank 6 4000016 7FFFF16 BFFFF16 Data exclusive area The bank to use is selected by a bank select bit. program/data area 4000016 7FFFF16 Bank 7 C000016 FFFFF16 0 1 2 3 4 5 Bank 7 Bank 6 4000016 BFFFF16 CS0 area expand In memory expansion mode, in addition to the seven banks from bank 0 to bank 6, another bank, bank 7, comprised of a 256 Kbytes of area from address 4000016 to address 7FFFF16 can be used. In micropro- cessor mode, in addition to the seven banks from bank 0 to bank 6, another bank, bank 7, comprised of a 256 Kbytes of area from address C000016 to address FFFFF16 can be used. Programs and data can be placed in bank 7. To choose each bank, use the Data bank register’s bank select bits (bits 3, 4, and 5 at address 0000B16). _______ When accessing this extended area for data, the device outputs a chip select signal from the CS0 pin and ______ ______ ______ a bank number from the CS1, CS2, and CS3 pins each that has been set by the bank select bits. When fetching a program from the area of bank 7 comprised of addresses 4000016 through 7FFFF16, the |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |