| Electronic Components Datasheet Search |
|
M16C/62 Datasheet(PDF) 105 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M16C/62 Datasheet(HTML) 105 Page - Renesas Technology Corp |
|
105 / 621 page ![]() Mitsubishi microcomputers M16C / 62 Group SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER Timer A 90 Item Specification Count source • Two-phase pulse signals input to TAiIN or TAiOUT pin Count operation • Up count or down count can be selected by two-phase pulse signal • When the timer overflows or underflows, the reload register content is reloaded and the timer starts over again (Note) Divide ratio 1/ (FFFF16 - n + 1) for up count 1/ (n + 1) for down count n : Set value Count start condition Count start flag is set (= 1) Count stop condition Count start flag is reset (= 0) Interrupt request generation timing Timer overflows or underflows TAiIN pin function Two-phase pulse input TAiOUT pin function Two-phase pulse input Read from timer Count value can be read out by reading timer A2, A3, or A4 register Write to timer • When counting stopped When a value is written to timer A2, A3, or A4 register, it is written to both reload register and counter • When counting in progress When a value is written to timer A2, A3, or A4 register, it is written to only reload register. (Transferred to counter at next reload time.) Select function • Normal processing operation The timer counts up rising edges or counts down falling edges on the TAiIN pin when input signal on the TAiOUT pin is “H” • Multiply-by-4 processing operation If the phase relationship is such that the TAiIN pin goes “H” when the input signal on the TAiOUT pin is “H”, the timer counts up rising and falling edges on the TAiOUT and TAiIN pins. If the phase relationship is such that the TAiIN pin goes “L” when the input signal on the TAiOUT pin is “H”, the timer counts down rising and falling edges on the TAiOUT and TAiIN pins. Note: This does not apply when the free-run function is selected. Table 1.17.3. Timer specifications in event counter mode (when processing two-phase pulse signal with timers A2, A3, and A4) TAiOUT Up count Up count Up count Down count Down count Down count TAiIN (i=2,3) TAiOUT TAiIN (i=3,4) Count up all edges Count up all edges Count down all edges Count down all edges |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |