| Electronic Components Datasheet Search |
|
M16C/62 Datasheet(PDF) 280 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M16C/62 Datasheet(HTML) 280 Page - Renesas Technology Corp |
|
280 / 621 page ![]() Appendix Standard Serial I/O Mode (Flash Memory Version) Mitsubishi microcomputers M16C / 62 Group SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 265 ID Check This command checks the ID code. Execute the boot ID check command as explained here following. (1) Send the “F516” command code in the 1st byte of the transmission. (2) Send addresses A0 to A7, A8 to A15 and A16 to A23 of the 1st byte of the ID code in the 2nd, 3rd and 4th bytes of the transmission respectively. (3) Send the number of data sets of the ID code in the 5th byte. (4) The ID code is sent in the 6th byte onward, starting with the 1st byte of the code. ID size ID1 ID7 CLK1 RxD1 TxD1 RTS1(BUSY) F516 DF16 FF16 0F16 (M16C reception data) (M16C transmit data) Figure 1.31.16. Timing for the ID check ID Code When the flash memory is not blank, the ID code sent from the peripheral unit and the ID code written in the flash memory are compared to see if they match. If the codes do not match, the command sent from the peripheral unit is not accepted. An ID code contains 8 bits of data. Area is, from the 1st byte, addresses 0FFFDF16, 0FFFE316, 0FFFEB16, 0FFFEF16, 0FFFF316, 0FFFF716 and 0FFFFB16. Write a program into the flash memory, which already has the ID code set for these addresses. Reset vector Watchdog timer vector Single step vector Address match vector BRK instruction vector Overflow vector Undefined instruction vector ID7 ID6 ID5 ID4 ID3 ID2 ID1 DBC vector NMI vector 0FFFFC16 to 0FFFFF16 0FFFF816 to 0FFFFB16 0FFFF416 to 0FFFF716 0FFFF016 to 0FFFF316 0FFFEC16 to 0FFFEF16 0FFFE816 to 0FFFEB16 0FFFE416 to 0FFFE716 0FFFE016 to 0FFFE316 0FFFDC16 to 0FFFDF16 4 bytes Address Figure 1.31.17. ID code storage addresses |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |