Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M30620ECFS Datasheet(PDF) 402 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 402 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 398Page - Renesas Technology Corp M30620ECFS Datasheet HTML 399Page - Renesas Technology Corp M30620ECFS Datasheet HTML 400Page - Renesas Technology Corp M30620ECFS Datasheet HTML 401Page - Renesas Technology Corp M30620ECFS Datasheet HTML 402Page - Renesas Technology Corp M30620ECFS Datasheet HTML 403Page - Renesas Technology Corp M30620ECFS Datasheet HTML 404Page - Renesas Technology Corp M30620ECFS Datasheet HTML 405Page - Renesas Technology Corp M30620ECFS Datasheet HTML 406Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 402 / 621 page
background image
A-D Converter
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
387
Figure 2.7.4. A-D converter-related registers (3)
A-D control register 2 (Note)
Symbol
Address
When reset
ADCON2
03D416
0000XXX02
b7
b6
b5
b4
b3
b2
b1
b0
A-D conversion method
select bit
0 : Without sample and hold
1 : With sample and hold
Bit symbol
Bit name
Function
R W
Note: If the A-D control register is rewritten during A-D conversion, the conversion
result is indeterminate.
Nothing is assigned.
In an attempt to write to these bits, write “0”. The value, if read, turns out to
be “0”.
A-D register i
Symbol
Address
When reset
ADi(i=0 to 7)
03C016 to 03CF16 Indeterminate
Eight low-order bits of A-D conversion result
Function
R W
(b15)
b7
b7
b0
b0
(b8)
• During 10-bit mode
Two high-order bits of A-D conversion result
Nothing is assigned.
In an attempt to write to these bits, write “0”. The value, if
read, turns out to be “0”.
• During 8-bit mode
When read, the content is indeterminate
SMP
Reserved bit
Always set to “0”
00 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com