Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SH7721 Datasheet(PDF) 162 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 162 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 158Page - Renesas Technology Corp SH7721 Datasheet HTML 159Page - Renesas Technology Corp SH7721 Datasheet HTML 160Page - Renesas Technology Corp SH7721 Datasheet HTML 161Page - Renesas Technology Corp SH7721 Datasheet HTML 162Page - Renesas Technology Corp SH7721 Datasheet HTML 163Page - Renesas Technology Corp SH7721 Datasheet HTML 164Page - Renesas Technology Corp SH7721 Datasheet HTML 165Page - Renesas Technology Corp SH7721 Datasheet HTML 166Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 1524 page
background image
Section 3 DSP Operating Unit
Rev. 3.00 Jan. 18, 2008 Page 100 of 1458
REJ09B0033-0300
3.4
DSP Data Transfer Instructions
In DSP mode, data transfer instructions are added for the DSP unit registers. The newly added
instructions are classified into the following three groups.
1. Double data transfer instructions
The DSP unit is connected to the X memory and Y memory via the specific buses called X bus
and Y bus. By using the data transfer instructions using the X and Y buses, two data items can
be transferred between the DSP unit and X/Y memories simultaneously. These instructions are
called double data transfer instructions. These double data transfer instructions can be
described in combination with the DSP operation instructions to execute data transfer and data
operation in parallel,
2. Single data transfer instructions
The DSP unit is also connected to the L bus that is used by the CPU. The DSP registers other
than the DSR can access any virtual addresses generated by the CPU. In this case, the single
data transfer instructions are used. The single data transfer instructions cannot be used in
combination with the DSP operation instructions and can access only one data item at a time.
3. System control instructions
Some of the DSP unit registers are handled as the CPU system registers. To control these
system registers, the system control registers are supported. The DSP registers are connected to
the CPU general registers via the data transfer bus (C bus).
In any DSP data transfer instructions, an address to be accessed is generated and output by the
CPU. For DSP data transfer instructions, some of the CPU general registers are used for address
generation and specific addressing modes are used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com