Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SH7721 Datasheet(PDF) 175 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 175 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 171Page - Renesas Technology Corp SH7721 Datasheet HTML 172Page - Renesas Technology Corp SH7721 Datasheet HTML 173Page - Renesas Technology Corp SH7721 Datasheet HTML 174Page - Renesas Technology Corp SH7721 Datasheet HTML 175Page - Renesas Technology Corp SH7721 Datasheet HTML 176Page - Renesas Technology Corp SH7721 Datasheet HTML 177Page - Renesas Technology Corp SH7721 Datasheet HTML 178Page - Renesas Technology Corp SH7721 Datasheet HTML 179Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 1524 page
background image
Section 3 DSP Operating Unit
Rev. 3.00 Jan. 18, 2008 Page 113 of 1458
REJ09B0033-0300
3.5
DSP Data Operation Instructions
3.5.1
DSP Registers
This LSI has eight data registers (A0, A1, X0, X1, Y0, Y1, M0 and M1) and one control register
(DSR) as DSP registers (figure 3.3).
Four kinds of operation access the DSP data registers. The first is DSP data processing. When a
DSP fixed-point data operation uses A0 or A1 as the source register, it uses the guard bits (bits 39
to 32). When it uses A0 or A1 as the destination register, guard bits 39 to 32 are valid. When a
DSP fixed-point data operation uses a DSP register other than A0 or A1 as the source register, it
sign-extends the source value to bits 39 to 32. When it uses one of these registers as the
destination register, bits 39 to 32 of the result are discarded.
The second kind of operation is an X or Y data transfer operation, MOVX.W, MOVY.W. This
operation accesses the X and Y memories through the 16-bit X and Y data buses (figure 3.4). The
register to be loaded or stored by this operation always comprises the upper 16 bits (bits 31 to 16).
X0 or X1 can be the destination of an X memory load and Y0 or Y1 can be the destination of a Y
memory load, but no other register can be the destination register in this operation. When data is
read into the upper 16 bits of a register (bits 31 to 16), the lower 16 bits of the register (bits 15 to
0) are automatically cleared. A0 and A1 can be stored in the X or Y memory by this operation, but
no other registers can be stored.
The third kind of operation is a single-data transfer instruction, MOVS.W or MOVS.L. These
instructions access any memory location through the LDB (figure 3.4). All DSP registers connect
to the LDB and can be the source or destination register of the data transfer. These instructions
have word and longword access modes. In word mode, registers to be loaded or stored by this
instruction comprise the upper 16 bits (bits 31 to 16) for DSP registers except A0G and A1G.
When data is loaded into a register other than A0G and A1G in word mode, the lower half of the
register is cleared. When A0 or A1 is used, the data is sign-extended to bits 39 to 32 and the lower
half is cleared. When A0G or A1G is the destination register in word mode, data is loaded into an
8-bit register, but A0 or A1 is not cleared. In longword mode, when the destination register is A0
or A1, it is sign-extended to bits 39 to 32.
The fourth kind of operation is system control instructions such as LDS, STS, LDS.L, or STS.L.
The DSR, A0, X0, X1, Y0, and Y1 registers of the DSP register can be treated as system registers.
For these registers, data transfer instructions between the CPU general registers and system
registers or memory access instructions are supported.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com