Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

7721 Datasheet(PDF) 198 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 198 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 194Page - Renesas Technology Corp 7721 Datasheet HTML 195Page - Renesas Technology Corp 7721 Datasheet HTML 196Page - Renesas Technology Corp 7721 Datasheet HTML 197Page - Renesas Technology Corp 7721 Datasheet HTML 198Page - Renesas Technology Corp 7721 Datasheet HTML 199Page - Renesas Technology Corp 7721 Datasheet HTML 200Page - Renesas Technology Corp 7721 Datasheet HTML 201Page - Renesas Technology Corp 7721 Datasheet HTML 202Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 577 page
background image
REAL-TIME OUTPUT
7721 Group User’s Manual
10–5
10.2 Block description
10.2.2 Pulse output data registers 0 and 1
Figure 10.2.2 shows the structure of the pulse output data registers 0 and 1. The bit position of the RTP02
and RTP03 pulse output data bits differs according to the pulse mode. Before setting the pulse output data
registers 0 and 1, set of the pulse output mode select bit (bit 2 at address 6216).
The data written into the pulse output data registers 0 and 1 is output from the corresponding pulse output
pins every underflow of Timers A0 and A1.
Bit
Bit name
Functions
0
1
2
3
7 to 4
RTP00 pulse output data bit
Pulse output data register 0 (Address 1A16)
b1
b0
b2
b3
b4
b5
b6
b7
At reset
RW
Undefined
Undefined
Undefined
Undefined
Undefined
0 : “L” level output
1 : “H” level output
WO
Note: Use the LDM or STA instruction for writing to this register
RTP01 pulse output data bit
WO
WO
WO
RTP02 pulse output data bit
(Valid in pulse mode 0)
RTP03 pulse output data bit
(Valid in pulse mode 0)
Nothing is assigned.
Bit
Bit name
Functions
0, 1
2
3
Nothing is assigned.
Pulse output data register 1 (Address 1C16)
b1
b0
b2
b3
b4
b5
b6
b7
At reset
RW
Undefined
Undefined
Undefined
Undefined
Undefined
0 : “L” level output
1 : “H” level output
WO
Note: Use the LDM or STA instruction for writing to this register.
WO
WO
WO
RTP03 pulse output data bit
(Valid in pulse mode 1)
4
RTP02 pulse output data bit
(Valid in pulse mode 1)
RTP10 pulse output data bit
5
6
7
RTP11 pulse output data bit
RTP12 pulse output data bit
RTP13 pulse output data bit
Undefined
Undefined
WO
WO
Fig. 10.2.2 Structure of pulse output data registers 0 and 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com