Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

7721 Datasheet(PDF) 309 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 309 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 305Page - Renesas Technology Corp 7721 Datasheet HTML 306Page - Renesas Technology Corp 7721 Datasheet HTML 307Page - Renesas Technology Corp 7721 Datasheet HTML 308Page - Renesas Technology Corp 7721 Datasheet HTML 309Page - Renesas Technology Corp 7721 Datasheet HTML 310Page - Renesas Technology Corp 7721 Datasheet HTML 311Page - Renesas Technology Corp 7721 Datasheet HTML 312Page - Renesas Technology Corp 7721 Datasheet HTML 313Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 309 / 577 page
background image
7721 Group User’s Manual
13-30
DMA CONTROLLER
13.4 Operation
13.4 Operation
Operation of 1-unit transfer varies according to the data transfer method (2-bus cycle or 1-bus cycle transfer).
In addition, how many units of transfer data are transferred for a DMA request varies according to the
transfer mode (burst transfer or cycle-steal transfer mode).
These data transfer methods and modes are described below.
13.4.1 2-bus cycle transfer
When the transfer method select bit (Refer to “Figure 13.2.6.”) = “0,” 2-bus cycle transfer is selected. 2-
bus cycle transfer is the method used to transfer data between memories. Since this method has a read
and a write cycle, it consumes a minimum of 2 bus cycles for 1-unit transfer.
Figure 13.4.1 shows an example of connecting external memories in 2-bus cycle transfer.
Fig. 13.4.1 Example of connecting external memories in 2-bus cycle transfer
M37721
Address bus
E
BHE
BLE
R/W
Data bus D8–D15
Data bus D0–D7
Note. The external circuit such as an address latch is disregarded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com